Electronic Components Datasheet Search
  English  ▼

X  

F7210 Datasheet(PDF) 6 Page - International Rectifier

Part # F7210
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

F7210 Datasheet(HTML) 6 Page - International Rectifier

  F7210 Datasheet HTML 1Page - International Rectifier F7210 Datasheet HTML 2Page - International Rectifier F7210 Datasheet HTML 3Page - International Rectifier F7210 Datasheet HTML 4Page - International Rectifier F7210 Datasheet HTML 5Page - International Rectifier F7210 Datasheet HTML 6Page - International Rectifier F7210 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF7210
6
www.irf.com
SO-8 Package Details
K x 45°
C
8X
L
8X
θ
H
0.25 (.010) M A M
A
0.10 (.004)
B 8X
0.25 (.010)
M C A S B S
- C -
6X
e
- B -
D
E
- A -
8
7
6
5
1
2
3
4
5
6
5
RECOMMENDED FOOTPRINT
0.72 (.028 )
8X
1.78 (.070)
8X
6.46 ( .255 )
1.27 ( .050 )
3X
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
.0532
.0688
1.35
1.75
A1
.0040
.0098
0.10
0.25
B
.014
.018
0.36
0.46
C
.0075
.0098
0.19
0.25
D
.189
.196
4.80
4.98
E
.150
.157
3.81
3.99
e
.050 BASIC
1.27 BASIC
e1
.025 BASIC
0.635 BASIC
H
.2284
.2440
5.80
6.20
K
.011
.019
0.28
0.48
L
0.16
.050
0.41
1.27
θ
0°
8°
0°
8°
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982.
2. CONTROLLING DIMENSION : INCH.
3. DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES).
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA.
DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS
MOLD PROTRUSIONS NOT TO EXCEED 0.25 (.006).
DIMENSIONS IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE..
5
6
A1
e1
θ
Part Marking
QÃ2Ã9DTBI6U@TÃG@69ÃÃAS@@
@Y6HQG@)ÃUCDTÃDTÃ6IÃDSA&  ÃHPTA@U
)
;;;;
DIU@SI6UDPI6G
GPBP
S@8UDAD@S
Q6SUÃIVH7@S
GPUÃ8P9@
QSP9V8UÃPQUDPI6G
96U@Ã8P9@Ã`XX
`Ã2ÃG6TUÃ9DBDUÃPAÃUC@Ã`@6S
XXÃ2ÃX@@F
6Ã2Ã6TT@H7G`ÃTDU@Ã8P9@



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com