Electronic Components Datasheet Search
  English  ▼

X  

CMT1925 Datasheet(PDF) 5 Page - Cree LED

Part # CMT1925
Description  XLamp® CMT1925 LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMT1925 Datasheet(HTML) 5 Page - Cree LED

  CMT1925 Datasheet HTML 1Page - Cree LED CMT1925 Datasheet HTML 2Page - Cree LED CMT1925 Datasheet HTML 3Page - Cree LED CMT1925 Datasheet HTML 4Page - Cree LED CMT1925 Datasheet HTML 5Page - Cree LED CMT1925 Datasheet HTML 6Page - Cree LED CMT1925 Datasheet HTML 7Page - Cree LED CMT1925 Datasheet HTML 8Page - Cree LED CMT1925 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
XLAMP® CMT1925 LED
© 2017-2023 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp® and
EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS186
REV 10
5
RELATIVE SPECTRAL POWER DISTRIBUTION, EASYWHITE® LEDS
The following graphs are the result of a series of pulsed measurements at 700 mA and T
J = 85 °C.
Relative Spectral Power Distribution
EZW 70 CRI
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
6500 K, 70 CRI
5700 K, 70 CRI
5000 K, 70 CRI
4000 K, 70 CRI
3000 K, 70 CRI
EZW 80 CRI
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
6500 K, 80 CRI
5700 K, 80 CRI
5000 K, 80 CRI
4000 K, 80 CRI
3500 K, 80 CRI
3000 K, 80 CRI
2700 K, 80 CRI
2200 K, 80 CRI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com