Electronic Components Datasheet Search
  English  ▼

X  

CMT1925 Datasheet(PDF) 14 Page - Cree LED

Part # CMT1925
Description  XLamp® CMT1925 LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMT1925 Datasheet(HTML) 14 Page - Cree LED

Back Button CMT1925 Datasheet HTML 10Page - Cree LED CMT1925 Datasheet HTML 11Page - Cree LED CMT1925 Datasheet HTML 12Page - Cree LED CMT1925 Datasheet HTML 13Page - Cree LED CMT1925 Datasheet HTML 14Page - Cree LED CMT1925 Datasheet HTML 15Page - Cree LED CMT1925 Datasheet HTML 16Page - Cree LED CMT1925 Datasheet HTML 17Page - Cree LED CMT1925 Datasheet HTML 18Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
XLAMP® CMT1925 LED
© 2017-2023 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp® and
EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS186
REV 10
14
PREMIUM COLOR BINS PLOTTED ON THE 1931 CIE COLOR SPACE (T
J = 85 °C) - CONTINUED
Speciality (2-step)
Speciality (3-step)
3000 K
3500 K
L7B
L7C
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
CCx
ANSI C78.377 Quadrangle
3000K
3500K
30Q
30U
31Q
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
CCx
ANSI C78.377 Quadrangle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com