Electronic Components Datasheet Search
  English  ▼

X  

CMT1925 Datasheet(PDF) 16 Page - Cree LED

Part # CMT1925
Description  XLamp® CMT1925 LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMT1925 Datasheet(HTML) 16 Page - Cree LED

Back Button CMT1925 Datasheet HTML 11Page - Cree LED CMT1925 Datasheet HTML 12Page - Cree LED CMT1925 Datasheet HTML 13Page - Cree LED CMT1925 Datasheet HTML 14Page - Cree LED CMT1925 Datasheet HTML 15Page - Cree LED CMT1925 Datasheet HTML 16Page - Cree LED CMT1925 Datasheet HTML 17Page - Cree LED CMT1925 Datasheet HTML 18Page - Cree LED CMT1925 Datasheet HTML 19Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
XLAMP® CMT1925 LED
© 2017-2023 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp® and
EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS186
REV 10
16
MECHANICAL DIMENSIONS
Dimensions are in mm.
Tolerances unless otherwise specified: ±.13
x° ± 1°
Meaning of LED marking
T1925N = 36-V CMT1925
X
1 X2 X3 X4 X5
X1
CCT
1 = 6500 K
2 = 5700 K
3 = 5000 K
5 = 4000 K
6 = 3500 K
7 = 3000 K
8 = 2700 K
A = 2200 K
X2
M = EasyWhite or
Fidelity LED on the
black-body line
Q = Specialty LED below
the black-body line
U = Specialty LED below
the black-body line
X3 X4 Flux bin
0A = Not binned into flux
bins
X5
CRI
B = 70 CRI min
H = 80 CRI min
U = 90 CRI min
Z = 95 CRI min
Tc measurement point: either the anode or cathode solder pad
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X
.5
.XXX .25
.XX .75
.X 1.5
FOR SHEET METAL PARTS ONLY
.XX .25
.XXX .125
X
.5
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
ø14.5
±0.2
ø16.0
±0.2
R2.00
5.46
3.19
3.19
5.46
5.46
3.19
5.46
3.19
.90±.15
.55±.1
R.60
R.60
19.00
±0.2
19.00
±0.2
1/2
8.000
B
2500-00714
CMT19XX MARKETING SPEC
05/08/12
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATE APP'D
ALL DIMENSIONS ARE .13MM UNLESS OTHERWISE NOTED
Marking 1
T1925: product family (CMT1925)
N:36V Voltage Class
Marking 2
X X CCT (eg. 27.2700K, 30:3000K)
X X : Flux Bin
X :CRI (B:70 H:80, U:90, Z:95
1 2
3 4
5
OPTICAL REFERENCE
OPTICAL
REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com