Electronic Components Datasheet Search
  English  ▼

X  

FIDO5100BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # FIDO5100BBCZ
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5100BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button FIDO5100BBCZ Datasheet HTML 2Page - Analog Devices FIDO5100BBCZ Datasheet HTML 3Page - Analog Devices FIDO5100BBCZ Datasheet HTML 4Page - Analog Devices FIDO5100BBCZ Datasheet HTML 5Page - Analog Devices FIDO5100BBCZ Datasheet HTML 6Page - Analog Devices FIDO5100BBCZ Datasheet HTML 7Page - Analog Devices FIDO5100BBCZ Datasheet HTML 8Page - Analog Devices FIDO5100BBCZ Datasheet HTML 9Page - Analog Devices FIDO5100BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Data Sheet
fido5100/fido5200
SPECIFICATIONS
analog.com
Rev. G | 6 of 21
Table 3. Multiplexed Address Data Bus—Read and Write Cycle Timing1 (Continued)
Parameter
Min
Typ
Max
Unit
Description
tEOE
2
ns
CS to output enable
tDO
2
110
ps
Output enable to output drive time
tCOE
0
ns
Output disable to CS high
tWES
0
ns
CS to write enable
tWEWC
16
ns
Write enable to write complete
tWECS
0
ns
Write enable high to CS high
tWHLH
0
ns
WE high to next ALE high
tDS
60
ps
Data setup to WE high
tDH
60
ps
Input data hold after WE high
1 The MBS pin determines whether the host interfaced has multiplexed or separate address and data lines. When MBS = 1, the interface is multiplexed.
Timing Diagrams, Multiplexed REM Switch
Figure 4. REM Switch Multiplexed Address and Data Bus Read Timing, MBS = 1
Figure 5. REM Switch Multiplexed Address and Data Bus Write Timing, MBS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com