Electronic Components Datasheet Search
  English  ▼

X  

FIDO5100BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # FIDO5100BBCZ
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5100BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button FIDO5100BBCZ Datasheet HTML 8Page - Analog Devices FIDO5100BBCZ Datasheet HTML 9Page - Analog Devices FIDO5100BBCZ Datasheet HTML 10Page - Analog Devices FIDO5100BBCZ Datasheet HTML 11Page - Analog Devices FIDO5100BBCZ Datasheet HTML 12Page - Analog Devices FIDO5100BBCZ Datasheet HTML 13Page - Analog Devices FIDO5100BBCZ Datasheet HTML 14Page - Analog Devices FIDO5100BBCZ Datasheet HTML 15Page - Analog Devices FIDO5100BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Data Sheet
fido5100/fido5200
THEORY OF OPERATION
analog.com
Rev. G | 12 of 21
DEVICE INTERFACES
Oscillator
The oscillator clock source is routed to an internal phase-locked
loop (PLL) to create the following clock sources:
►
25 MHz for the CLKOUT reference clock
►
50 MHz for the RMII reference clock
An oscillator used as a clock source requires a tighter tolerance.
Figure 7. Oscillator Clock Source Circuit
Crystal
When using the REM switch with a crystal, use an oscillator pad
configuration, as shown Figure 8.
Figure 8. Crystal Clock Source Circuit
The values presented in the following list are typical for operation
when using a 25 MHz crystal:
►
ESR = 40 Ω
►
CL = 8 pF
►
RF = 1 MΩ
Reset Timing
The timing requirement for RESET is a minimum active low time of
16 ns.
INTERNAL PRECISION TIMER
The REM switch includes an internal precision timer (IPT). The
IPT maintains a system time that has a resolution of 1 ns. Use
the IPT to trigger timer output events or capture input event times
on the TIMER0, TIMER1, TIMER2, and TIMER3 pins, or to create
a complex pulse pattern on the TIMER4, TIMER5, TIMER6, and
TIMER7 pins.
TIMER0 to TIMER3 Inputs/Outputs
TIMER0 to TIMER3 inputs/outputs can be configured to either time
stamp an input event or time trigger an output event. When config-
ured to time stamp an input event, the value of the IPT is captured
in a 64-bit register when the associated timer signal transitions from
low to high. User software reads this register and uses the value to
time stamp an associated event. For example, when the TIMER0
signal transitions from low to high, the value of the IPT is stored
in the Timer 0, 64-bit register (consult the UG-1285, REM Switch
Software Driver User Guide for more details). The same is true
when configuring TIMER1, TIMER2, or TIMER3 to time stamp input
events. User software uses the generated time stamp to associate
the time stored in the 64‑bit register with a particular event.
When configured to time trigger an output event, the timer signal
toggles when the IPT reaches the value stored in the Timer x, 64-bit
register. The process of time triggering an output event is as follows
using the Timer 0 register in the example:
1. The host processor software stores a value in the Timer 0,
64-bit register.
2. The IPT reaches that value stored in the Timer 0, 64-bit register.
3. The TIMER0 pin toggles from high to low or low to high
(depending on its state when the 64-bit register was loaded).
4. The same process is followed when the TIMER1, TIMER2, and
TIMER3 pins are configured to time trigger output events.
TIMER4 to TIMER7 Outputs
TIMER4 to TIMER7 outputs are configured to output independent,
IPT clock synchronized, programmable, pulse-width modulated sig-
nals. Each of these timers has a resolution of 16 ns. Each timer
can have its own pulse-width modulation program that allows an
arbitrary number of rising and falling edges, depending on the
protocols that repeat on a programmable interval. The software
drivers for the REM switch provide the capability to define the rising
and falling edges for each TIMERx output.
HOST INTERFACE
Multiplex Bus Select
The host interface supports a separate address bus and data bus
or a multiplexed address and data bus. The selection between
the two types of busses is provided by the MBS signal (Pin F2),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com