Electronic Components Datasheet Search
  English  ▼

X  

FIDO5100BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # FIDO5100BBCZ
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5100BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button FIDO5100BBCZ Datasheet HTML 4Page - Analog Devices FIDO5100BBCZ Datasheet HTML 5Page - Analog Devices FIDO5100BBCZ Datasheet HTML 6Page - Analog Devices FIDO5100BBCZ Datasheet HTML 7Page - Analog Devices FIDO5100BBCZ Datasheet HTML 8Page - Analog Devices FIDO5100BBCZ Datasheet HTML 9Page - Analog Devices FIDO5100BBCZ Datasheet HTML 10Page - Analog Devices FIDO5100BBCZ Datasheet HTML 11Page - Analog Devices FIDO5100BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
fido5100/fido5200
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. G | 8 of 21
Figure 6. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Direction1
Description
A1
D02/AD02
I/O
Data Bus Bit 02 Nonmultiplexed/Data Bus Bit 02 Multiplexed. This is a multifunction pin.
When MBS = 0, Pin A1 (D02) is Data Bus Bit 02 to and from the REM switch for the
nonmultiplexed address data bus.
When MBS = 1, Pin A1 (AD02) is for the multiplexed address data bus, Bit 02 of the address
(LSB), and Bit 02 of the data.
A2
D04/AD04
I/O
Data Bus Bit 04 Nonmultiplexed/Data Bus Bit 04 Multiplexed. This is a multifunction pin.
When MBS = 0, Pin A2 (D04) is Data Bus Bit 04 to and from the REM switch for the
nonmultiplexed address data bus.
When MBS = 1, Pin A2 (AD04) is for the multiplexed address data bus, Bit 04 of the address, Bit
04 of the data.
A3
D07
I/O
Data Bus Bit 07. Pin A3 is Data Bus Bit 07 to and from the REM switch.
A4
D11
I/O
Data Bus Bit 11. Pin A4 is Data Bus Bit 11 to and from the REM switch.
A5
D15
I/O
Data Bus Bit 15. Pin A5 is Data Bus Bit 15 to and from the REM switch.
A6
D18
I/O
Data Bus Bit 18. Pin A6 is Data Bus Bit 18 to and from the REM switch.
A7
D19
I/O
Data Bus Bit 19. Pin A7 is Data Bus Bit 19 to and from the REM switch.
A8
D22
I/O
Data Bus Bit 22. Pin A8 is Data Bus Bit 22 to and from the REM switch.
A9
D25
I/O
Data Bus Bit 25. Pin A9 is Data Bus Bit 25 to and from the REM switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com