Electronic Components Datasheet Search
  English  ▼

X  

LTM2884 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM2884
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2884 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM2884 Datasheet HTML 4Page - Analog Devices LTM2884 Datasheet HTML 5Page - Analog Devices LTM2884 Datasheet HTML 6Page - Analog Devices LTM2884 Datasheet HTML 7Page - Analog Devices LTM2884 Datasheet HTML 8Page - Analog Devices LTM2884 Datasheet HTML 9Page - Analog Devices LTM2884 Datasheet HTML 10Page - Analog Devices LTM2884 Datasheet HTML 11Page - Analog Devices LTM2884 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM2884
8
Rev. D
For more information www.analog.com
PIN FUNCTIONS
Upstream Side (VCC, VBUS, VLO, GND)
D1– (A1): USB Data Bus Upstream Facing Negative
Transceiver Pin. A 1.5k pull-up resistor is automatically
configured to indicate the idle condition of the D2– pin.
D1+ (A2): USB Data Bus Upstream Facing Positive
Transceiver Pin. A 1.5k pull-up resistor is automatically
configured to indicate the idle condition of the D2+ pin.
SPNDPWR (A3): Suspend Power Control. A high input
enables the DC/DC converter shutdown control if the USB
bus is suspended. A low input (GND) disables the shut-
down control to the DC/DC converter maintaining power
to the isolated downstream side during suspend mode.
The recovery time from suspend mode may be equivalent
to the power supply start-up time if the DC/DC converter
was shut down. The SPNDPWR pin is referenced to VLO
and GND.
ON (A4): Enable for Power and Data Communication
Through the Isolation Barrier. If ON is high, the part is
enabled. If ON is low, the upstream side is held in reset
and the isolated side is unpowered by the DC/DC con-
verter. The ON pin is referenced between VLO and GND.
VLO (A5): Internally Regulated 3.3V Logic Voltage Output.
The VLO pin is used as a positive reference for the ON and
SPNDPWR pins and can source up to 10mA of surplus
current. Internally bypassed to GND with 2.2µF. Output
supply, no external connection necessary.
GND (A6, B1-B11): Upstream Circuit Ground.
VBUS (A7): Voltage Supply Input to USB Transceiver. The
operating range is 4.4V to 16.5V. Connect to the USB
VBUS supply or an external source. Internally bypassed
to GND with 2.2µF.
VCC (A8-A11): Voltage Supply Input to DC/DC Converter.
The operating range is 4.4V to 16.5V. Connect to an exter-
nal supply greater than 8.6V for 500mA on VCC2,VBUS
must be connected to the external supply or USB power.
Connect to the USB VBUS for up to 200mA on VCC2.
Connect VCC to VBUS when the peripheral device has an
external power source. Internally bypassed to GND with
4.7µF.
Isolated Downstream Side (VCC2, VLO2, GND2)
GND2 (K1-K11, L3, L4, L6, L7): Downstream Circuit
Ground.
D2– (L1): USB Data Bus Downstream Facing Negative
Transceiver Pin. The pin has a 15k pull-down resistor to
GND2.
D2+ (L2): USB Data Bus Downstream Facing Positive
Transceiver Pin. The pin has a 15k pull-down resistor to
GND2.
VLO2 (L5): Internally Regulated 3.3V Logic Voltage Output.
The VLO2 pin can source up to 10mA of surplus current.
Internally bypassed to GND2 with 2.2µF. Output supply,
no external connection necessary.
VCC2 (L8-L11): Isolated Voltage Supply Output from DC/
DC Converter. Output voltage is 5V and can support up to
500mA of peripheral device current referenced to GND2.
Output current is dependant on input supply voltage and
current limit. Internally bypassed to GND2 with 22µF.
Output supply, no external connection necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com