Electronic Components Datasheet Search
  English  ▼

X  

LTM2884 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM2884
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2884 Datasheet(HTML) 2 Page - Analog Devices

  LTM2884 Datasheet HTML 1Page - Analog Devices LTM2884 Datasheet HTML 2Page - Analog Devices LTM2884 Datasheet HTML 3Page - Analog Devices LTM2884 Datasheet HTML 4Page - Analog Devices LTM2884 Datasheet HTML 5Page - Analog Devices LTM2884 Datasheet HTML 6Page - Analog Devices LTM2884 Datasheet HTML 7Page - Analog Devices LTM2884 Datasheet HTML 8Page - Analog Devices LTM2884 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM2884
2
Rev. D
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VCC to GND ............................................ –0.3V to 18V
VBUS to GND.......................................... –0.3V to 18V
VCC2 to GND2 ....................................... –0.3V to 10V
VLO to GND .................................................. –0.3V to 4V
VLO2 to GND2............................................... –0.3V to 4V
ON, SPNDPWR to GND.................–0.3V to (VLO + 0.3V)
D1+, D1– to GND........................................ –0.3V to 5.3V
D2+, D2– to GND2 ..................................... –0.3V to 5.3V
Operating Ambient Temperature Range (Note 3)
LTM2884C............................................... 0°C to 70°C
LTM2884I ............................................–40°C to 85°C
LTM2884H......................................... –40°C to 105°C
Storage Temperature Range .................. –55°C to 125°C
Maximum Internal Operating Temperature............ 125°C
Peak Body Reflow Temperature ............................ 245°C
(Note 1)
BGA PACKAGE
44-LEAD (15mm × 15mm × 5mm)
TJMAX = 125°C,
PCB = JESD51-9 2s2p: θJA = 18.7°C/W, θJCtop = 16°C/W, θJCbottom = 5.7°C/W, θJB = 5.6°C/W
PCB = DC1746A: θJA = 33.5°C/W, θJCtop = 15.7°C/W, θJJCbottom = 6.1°C/W, θJB = 5.3°C/W
HEAT FLOW: θJA = NORMAL, θJCtop = 100%, θJCbottom = 100%, θJB = 100%
WEIGHT = 2.4g
TOP VIEW
2
1
4
3
5
6
7
8
9
11
10
D1– D1+ SPND-
PWR ON VLO
VBUS
VCC
GND
D2– D2+
VLO2
VCC2
GND2
GND2
GND
GND2
F
G
H
L
J
K
E
A
B
C
D
PART NUMBER
PAD OR BALL FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTM2884CY#PBF
SAC305 (RoHS)
LTM2884Y*
e1
BGA
4
0°C to 70°C
LTM2884IY#PBF
–40°C to 85°C
LTM2884HY#PBF
–40°C to 105°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended BGA PCB Assembly and Manufacturing Procedures.
• BGA Package and Tray Drawings
* A lower case “a” appearing next to the package pin 1 identifier
indicates a revised version of the LTM2884. All specifications
and typical performance curves are applicable to both versions
of the LTM2884 unless otherwise noted by LTM2884 or
LTM2884(a).
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com