Electronic Components Datasheet Search
  English  ▼

X  

LTM2884 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM2884
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2884 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM2884 Datasheet HTML 8Page - Analog Devices LTM2884 Datasheet HTML 9Page - Analog Devices LTM2884 Datasheet HTML 10Page - Analog Devices LTM2884 Datasheet HTML 11Page - Analog Devices LTM2884 Datasheet HTML 12Page - Analog Devices LTM2884 Datasheet HTML 13Page - Analog Devices LTM2884 Datasheet HTML 14Page - Analog Devices LTM2884 Datasheet HTML 15Page - Analog Devices LTM2884 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM2884
12
Rev. D
For more information www.analog.com
FUNCTIONAL TABLE
USB Transceiver Functional Table
MODE
D1+
D1–
AUTOMATIC PULL-UP
CONNECTION
D2+
D2–
SPNDPWR
Full Speed (Idle)
1.5k Pull-Up
Host Pull-Down
D1+
Peripheral Pull-Up
15k Pull-Down
X
Low Speed (Idle)
Host Pull-Down
1.5k Pull-Up
D1–
15k Pull-Down
Peripheral Pull-Up
X
Disconnected (Idle)
Host Pull-Down
Host Pull-Down
None
15k Pull-Down
15k Pull-Down
X
Suspend (Idle >3ms) Set at Device Connect Set at Device Connect
Set at Device Connect
Peripheral or 15k
Peripheral or 15k
0
Suspend No Power
(Idle >3ms)
Set at Device Connect Set at Device Connect
Set at Device Connect
15k Pull-Down
15k Pull-Down
3.3V
D1 to D2 Data
IN+
IN–
Set at Device Connect
OUT+
OUT–
X
D2 to D1 Data
OUT+
OUT–
Set at Device Connect
IN+
IN–
X
Power Functional Table
MODE
ON
SPNDPWR
VCC
VBUS
DC/DC CONVERTER
Off
0
X
X
X
OFF
On
3.3V
X
>4.4V
>4.4V
ON
On, Suspend (Idle >3ms)
3.3V
0
>4.4V
>4.4V
ON
On, Suspend (Idle >3ms), Power Off
3.3V
3.3V
>4.4V
>4.4V
OFF
On, USB Transceiver Only Power Off
3.3V
X
0
>4.4V
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com