Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM2886
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 3 Page - Analog Devices

  LTM2886 Datasheet HTML 1Page - Analog Devices LTM2886 Datasheet HTML 2Page - Analog Devices LTM2886 Datasheet HTML 3Page - Analog Devices LTM2886 Datasheet HTML 4Page - Analog Devices LTM2886 Datasheet HTML 5Page - Analog Devices LTM2886 Datasheet HTML 6Page - Analog Devices LTM2886 Datasheet HTML 7Page - Analog Devices LTM2886 Datasheet HTML 8Page - Analog Devices LTM2886 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTM2894
3
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VBUS
Operating Supply Range (USB Bus Power Input)
l
4.4
5
36
V
IBUSPOFF
VBUS Supply Current Power Off
ON = 0V
l
1
20
µA
IBUS
VBUS Supply Current Power On
Figure 1, VBUS = 5V, IVLO = 0mA
l
5
9
mA
IBUSSPND
VBUS Supply Current Suspend Mode
VBUS = 5V, USB Suspend Timeout
l
1.5
2.0
mA
VBUS2
Operating Supply Range (Isolated Power Input)
l
4.4
5
36
V
IBUS2POFF
VBUS2 Supply Current Power Off
ON2 = 0V
l
1
10
µA
IBUS2
VBUS2 Supply Current Power On
Figure 1, VBUS2 = 5V, IVLO2 = 0mA
l
5
9
mA
IBUS2SPND
VBUS2 Supply Current Suspend Mode
VBUS2 = 5V, USB Suspend Timeout
l
5
9
mA
VLO
VLO Regulated Output Voltage Signal Reference
Figure 1, IVLO = 0mA
l
3.05
3.3
3.55
V
VLO Output Voltage Maximum Current Source
Figure 1
l
10
mA
VLO2
VLO2 Regulated Output Voltage Signal Reference
Figure 1, IVLO2 = 0mA
l
3.05
3.3
3.55
V
VLO2 Output Voltage Maximum Current Source
Figure 1
l
10
mA
USB Input Levels (D1+, D1–, D2+, D2–)
Single-Ended Input High Voltage
l
2.0
V
Single-Ended Input Low Voltage
l
0.8
V
Single-Ended Input Hysteresis
l
200
mV
Differential Input Sensitivity
|(D1+ – D1–)| or |(D2+ – D2–)|
l
0.2
V
Common Mode Voltage Range
(D1+ + D1–)/2 or (D2+ + D2–)/2
l
0.8
2.5
V
Logic Input Levels (ON, ON2)
Logic Input High Voltage
l
2.0
V
Logic Input Low Voltage
l
0.8
V
Logic Input Current
l
±1
µA
Logic Input Hysteresis
200
mV
USB Output Levels (D1+, D1–, D2+, D2–)
Output Low Voltage
RPU = 1.5kΩ to 3.6V, Figure 2
l
0
0.3
V
Output High Voltage
RPD = 15kΩ to 0V
l
2.8
3.6
V
Differential Output Signal Cross-Point Voltage
l
1.3
2.0
V
Terminations
RPU
Bus Pull-Up Resistance on Upstream Facing Port
D2+ or D2– Pull-Up 1.5kΩ to 3.3V
l
1.425
1.575
kΩ
RPD
Bus Pull-Down Resistance on Downstream Facing
Port (D2+ and D2–)
D2+ and D2– Pull-Down to GND2
l
14.25
15.75
kΩ
ZDRV
USB Driver Output Resistance
l
28
44
Ω
USB Transceiver Pad Capacitance to GND
(Note 2)
10
pF
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VBUS2 = 5V, GND = GND2 = 0V, ON = 3.3V, ON2 = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com