Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM2893
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2893 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM2893 Datasheet HTML 2Page - Analog Devices LTM2893 Datasheet HTML 3Page - Analog Devices LTM2893 Datasheet HTML 4Page - Analog Devices LTM2893 Datasheet HTML 5Page - Analog Devices LTM2893 Datasheet HTML 6Page - Analog Devices LTM2893 Datasheet HTML 7Page - Analog Devices LTM2893 Datasheet HTML 8Page - Analog Devices LTM2893 Datasheet HTML 9Page - Analog Devices LTM2893 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTM2894
6
Rev A
For more information www.analog.com
TIME (ns)
0
2.5
1.5
2.0
3.5
3.0
4.0
1.0
0
0.5
–0.5
20
40
10
30
60
2894 G05
80
50
70
TIME (ns)
0
2.6
1.6
2.1
3.1
3.6
1.1
0.1
0.6
200
400
100
300
600
2894 G06
500
TYPICAL PERFORMANCE CHARACTERISTICS
Low Speed Differential Jitter
Full Speed Eye Diagram
Low Speed Eye Diagram
Thermal Derating for
Operating Temperature Range vs
VBUS or VBUS2
Low Speed Data
Full Speed Propagation Delay vs
Temperature
Low Speed Propagation Delay vs
Temperature
Full Speed Differential Jitter
TA = 25°C, unless otherwise noted. VBUS = 5V,
VBUS2 = 5V, GND = GND2 = 0V, ON = 3.3V, ON2 = 3.3V.
TEMPERATURE (°C)
–50
100
95
75
90
85
80
70
50
0
100
2894 G01
125
25
–25
75
CLOAD = 120pF
TEMPERATURE (°C)
–50
250
240
230
220
210
200
50
0
100
2894 G02
125
25
–25
75
CLOAD = 120pF
10ns/DIV
1V/DIV
2894 G03
JITTER 1.4nsP-P
D1–
D1+
D2–
D2+
50ns/DIV
1V/DIV
2894 G04
JITTER 7.5nsP-P
D1+
D1–
D2+
D2–
5µs/DIV
D2+
0.5V/DIV
D2–
0.5V/DIV
2894 G09
LIMITED BY JUNCTION
TEMPERATURE RISE PER GRADE
θJA = 49.6°C/W
H-GRADE
I-GRADE
C-GRADE
AMBIENT TEMPERATURE (°C)
–60 –40 –20 0 20 40 60 80 100 120 140
0
5
10
15
20
25
30
35
40
2894 G08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com