Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM2893
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2893 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM2893 Datasheet HTML 10Page - Analog Devices LTM2893 Datasheet HTML 11Page - Analog Devices LTM2893 Datasheet HTML 12Page - Analog Devices LTM2893 Datasheet HTML 13Page - Analog Devices LTM2893 Datasheet HTML 14Page - Analog Devices LTM2893 Datasheet HTML 15Page - Analog Devices LTM2893 Datasheet HTML 16Page - Analog Devices LTM2893 Datasheet HTML 17Page - Analog Devices LTM2893 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTM2894
14
Rev A
For more information www.analog.com
Figure 6. PC Board Layout
Top Layer
Bottom Layer
Figure 7. EMI Plot
APPLICATIONS INFORMATION
CISPR 22 CLASS B LIMIT
DETECTOR = PEAK–HOLD
RBW = 120kHz, VBW = 300kHz
SWEEP TIME = 680ms
# OF SWEEPS ≥10
# OF POINTS = 501
DC2438A
FREQUENCY (MHz)
0 100 200 300 400 500 600 700 800 900 1000
–30
–20
–10
0
10
20
30
40
50
60
DC2894 F07
Figure 8. Bus Splitter
TYPICAL APPLICATIONS
5VISO
2894 F08
VLO
LTM2894
5VISO
ON
VBUS
VBUS2
D1+
D1–
ON2
VLO2
D2+
USB PORT
USB PORT
120µF
D2–
GND2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com