Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM2893
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2893 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM2893 Datasheet HTML 10Page - Analog Devices LTM2893 Datasheet HTML 11Page - Analog Devices LTM2893 Datasheet HTML 12Page - Analog Devices LTM2893 Datasheet HTML 13Page - Analog Devices LTM2893 Datasheet HTML 14Page - Analog Devices LTM2893 Datasheet HTML 15Page - Analog Devices LTM2893 Datasheet HTML 16Page - Analog Devices LTM2893 Datasheet HTML 17Page - Analog Devices LTM2893 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTM2894
18
Rev A
For more information www.analog.com
ANALOG DEVICES, INC. 2016 to 2018
D17019-0-6/18(A)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
Figure 12. V1.1 USB Hub Isolation
PART NUMBER DESCRIPTION
COMMENTS
LTM2884
Complete Isolated USB µModule Transceiver + Power
2500VRMS Isolation in Surface Mount BGA
LTM2881
Complete Isolated RS485/RS422 µModule Transceiver + Power
2500VRMS Isolation in Surface Mount BGA or LGA
LTM2882
Dual Isolated RS232 µModule Transceiver with Integrated DC/DC Converter
2500VRMS Isolation in Surface Mount BGA or LGA
LTM2883
SPI or I2C µModule Isolator with Adjustable ±12.5V and 5V Regulated Power
2500VRMS Isolation in Surface Mount BGA
LTM2892
SPI or I2C µModule Isolator
3500VRMS Isolation in Surface Mount BGA
LTM2886
SPI or I2C µModule Isolator with Adjustable 5V and ±5V Regulated Power
2500VRMS Isolation in Surface Mount BGA
LTM2889
Complete 4Mbps CAN FD µModule Isolator + Power
2500VRMS Isolation in Surface Mount BGA
LTM2893
Complete 100MHz SPI ADC µModule Isolator
6000VRMS Isolation in Surface Mount BGA
TUSB2046B
GND
LTC1154
SN74LVC04
VS
2894 F12
3.3VISO
VCC
USB PORT A
120µF
DS
GATE
GND
STATUS
EN
SD
IN
OVRCUR1
DP1
DM1
PWRON1
5VISO
3.3VISO
15k
51k
15k
0.14
27
27
LTC1154
SN74LVC04
VS
USB PORT B
120µF
DS
GATE
GND
STATUS
EN
SD
IN
OVRCUR2
DP2
DM2
PWRON2
3.3VISO
15k
51k
15k
0.14
27
27
LTC1154
SN74LVC04
VS
USB PORT C
120µF
DS
GATE
GND
STATUS
EN
SD
IN
OVRCUR3
DP3
DM3
PWRON3
3.3VISO
15k
51k
15k
0.14
27
27
LTC1154
SN74LVC04
VS
USB PORT D
120µF
DS
GATE
GND
STATUS
EN
SD
IN
OVRCUR4
DP4
DM4
PWRON4
VLO
LTM2894
ON
VBUS
VBUS2
D1+
D1–
ON2
1.5k
VLO2
D2+
USB PORT
D2–
GND2
GND
3.3VISO
27
27
DM0
DP0
POWER ON
RESET
TSTPLL
TSTMODE
RESET
6MHz CLOCK
SIGNAL
XTAL2
XTAL1
SUSPND
EXTMEM
3.3VISO
BUSPWR
GANGED
5VISO
5VISO
3.3VISO
15k
51k
15k
0.14
27
27
5VISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com