Electronic Components Datasheet Search
  English  ▼

X  

IRHMS63264 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHMS63264
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMS63264 Datasheet(HTML) 2 Page - International Rectifier

  IRHMS63264 Datasheet HTML 1Page - International Rectifier IRHMS63264 Datasheet HTML 2Page - International Rectifier IRHMS63264 Datasheet HTML 3Page - International Rectifier IRHMS63264 Datasheet HTML 4Page - International Rectifier IRHMS63264 Datasheet HTML 5Page - International Rectifier IRHMS63264 Datasheet HTML 6Page - International Rectifier IRHMS63264 Datasheet HTML 7Page - International Rectifier IRHMS63264 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHMS67264
Pre-Irradiation
2
www.irf.com
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
45
ISM
Pulse Source Current (Body Diode)
À
—
—
180
VSD Diode Forward Voltage
—
—
1.2
V
Tj = 25°C, IS = 45A, VGS = 0V Ã
trr
Reverse Recovery Time
—
—
700
ns
Tj = 25°C, IF = 45A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
—
—
14.3
µCVDD ≤ 25V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
—
—
0.60
RthCS
Case-to-Sink
— 0.21
—
°C/W
RthJA
Junction-to-Ambient
—
—
48
Typical socket mount
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
250
—
—
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown —
0.31
—
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
0.041
Ω
VGS = 12V, ID = 28.5A
Resistance
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
37
—
—
S ( )
VDS = 15V, IDS = 28.5A Ã
IDSS
Zero Gate Voltage Drain Current
—
—
10
VDS = 200V ,VGS = 0V
——
25
VDS = 200V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
220
VGS =12V, ID = 45A
Qgs
Gate-to-Source Charge
—
—
50
nC
VDS = 125V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
70
td(on)
Turn-On Delay Time
—
—
35
VDD = 125V, ID = 45A
tr
Rise Time
—
—
70
VGS =12V, RG = 2.35Ω
td(off)
Turn-Off Delay Time
—
—
80
tf
Fall Time
—
—
15
LS + LD
Total Inductance
—
6.8
—
Measured from Drain lead (6mm /0.25in.
from package) to Source lead (6mm /0.25in.
from package) with Source wires internally
bonded from Source Pin to Drain Pad
Ciss
Input Capacitance
—
6847
—
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
933
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
12
—
Rg
Internal Gate Resistance
—
0.48
—
Ω
f = 1.0MHz, open drain
nA
Ã
nH
ns
µA
Note: Corresponding Spice and Saber models are available on International Rectifier Web site.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com