Electronic Components Datasheet Search
  English  ▼

X  

IRHMS63264 Datasheet(PDF) 4 Page - International Rectifier

Part # IRHMS63264
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMS63264 Datasheet(HTML) 4 Page - International Rectifier

  IRHMS63264 Datasheet HTML 1Page - International Rectifier IRHMS63264 Datasheet HTML 2Page - International Rectifier IRHMS63264 Datasheet HTML 3Page - International Rectifier IRHMS63264 Datasheet HTML 4Page - International Rectifier IRHMS63264 Datasheet HTML 5Page - International Rectifier IRHMS63264 Datasheet HTML 6Page - International Rectifier IRHMS63264 Datasheet HTML 7Page - International Rectifier IRHMS63264 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRHMS67264
Pre-Irradiation
4
www.irf.com
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
15
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
60
µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
BOTTOM 5.0V
5.0V
1
10
100
VDS , Drain-to-Source Voltage (V)
10
100
1000
60
µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
BOTTOM 5.0V
5.0V
5
5.5
6
6.5
7
7.5
VGS, Gate-to-Source Voltage (V)
10
100
1000
VDS = 50V
6
0µs PULSE WIDTH
TJ = 150°C
TJ = 25°C
-60 -40 -20 0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 12V
ID = 45A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com