Electronic Components Datasheet Search
  English  ▼

X  

IRHMS63264 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHMS63264
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMS63264 Datasheet(HTML) 1 Page - International Rectifier

  IRHMS63264 Datasheet HTML 1Page - International Rectifier IRHMS63264 Datasheet HTML 2Page - International Rectifier IRHMS63264 Datasheet HTML 3Page - International Rectifier IRHMS63264 Datasheet HTML 4Page - International Rectifier IRHMS63264 Datasheet HTML 5Page - International Rectifier IRHMS63264 Datasheet HTML 6Page - International Rectifier IRHMS63264 Datasheet HTML 7Page - International Rectifier IRHMS63264 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C Continuous Drain Current
45
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
28.5
IDM
Pulsed Drain Current
À
180
PD @ TC = 25°C
Max. Power Dissipation
208
W
Linear Derating Factor
1.67
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
251
mJ
IAR
Avalanche Current
À
45
A
EAR
Repetitive Avalanche Energy
À
20.8
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
4.4
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. /1.6 mm from case for 10s)
Weight
9.3 (Typical)
g
oC
A
06/28/05
www.irf.com
1
For footnotes refer to the last page
Pre-Irradiation
TO-254AA
Low-Ohmic
Features:
n Low RDS(on)
n Fast Switching
n
Single Event Effect (SEE) Hardened
n Low Total Gate Charge
n
Simple Drive Requirements
n
Ease of Paralleling
n
Hermetically Sealed
n Ceramic Eyelets
n
Electrically Isolated
n Light Weight
TECHNOLOGY
RADIATION HARDENED
IRHMS67264
POWER MOSFET
250V, N-CHANNEL
THRU-HOLE (Low-Ohmic TO-254AA)
International Rectifier’s R6TM technology provides
superior power MOSFETs for space applications.
These devices have improved immunity to Single
Event Effect (SEE) and have been characterized for
useful performance with Linear Energy Transfer
(LET) up to 90MeV/(mg/cm2).
Their combination of very low RDS(on) and faster
switching times reduces power loss and increases
power density in today’s high speed switching
applications such as DC-DC converters and motor
controllers. These devices retain all of the well
established advantages of MOSFETs such as voltage
control, ease of paralleling and temperature stability
of electrical parameters.
Product Summary
Part Number
Radiation Level RDS(on)
ID
IRHMS67264
100K Rads (Si)
0.041
Ω 45A
IRHMS63264
300K Rads (Si)
0.041
Ω 45A
PD-96991


Similar Part No. - IRHMS63264

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS63260 IRF-IRHMS63260 Datasheet
149Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results

Similar Description - IRHMS63264

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS593260 IRF-IRHMS593260 Datasheet
214Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597160 IRF-IRHMS597160 Datasheet
174Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67164 IRF-IRHMS67164 Datasheet
174Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMB57260SE IRF-IRHMB57260SE Datasheet
188Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597Z60 IRF-IRHMS597Z60 Datasheet
178Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS57064 IRF-IRHMS57064 Datasheet
173Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS57163SE IRF-IRHMS57163SE Datasheet
197Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67160 IRF-IRHMS67160 Datasheet
173Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597064 IRF-IRHMS597064 Datasheet
181Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
JANSR2N7476T1 IRF-JANSR2N7476T1 Datasheet
190Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com