Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 5Page - NXP Semiconductors SC28L92 Datasheet HTML 6Page - NXP Semiconductors SC28L92 Datasheet HTML 7Page - NXP Semiconductors SC28L92 Datasheet HTML 8Page - NXP Semiconductors SC28L92 Datasheet HTML 9Page - NXP Semiconductors SC28L92 Datasheet HTML 10Page - NXP Semiconductors SC28L92 Datasheet HTML 11Page - NXP Semiconductors SC28L92 Datasheet HTML 12Page - NXP Semiconductors SC28L92 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
9
PIN CONFIGURATION FOR 68XXX BUS INTERFACE (MOTOROLA®)
SYMBOL
PIN
TYPE
NAME AND FUNCTION
I/M
I
Bus Configuration: When low configures the bus interface to the Conditions shown in this table.
D0–D7
I/O
Data Bus: Bi-directional 3-State data bus used to transfer commands, data and status between the DUART and the
CPU. D0 is the least significant bit.
CEN
I
Chip Enable: Active-Low input signal. When Low, data transfers between the CPU and the DUART are enabled on
D0–D7 as controlled by the R/WN and A0–A3 inputs. When High, places the D0–D7 lines in the 3-State condition.
R/WN
I
Read/Write: Input Signal. When CEN is low R/WN high input indicates a read cycle; when low indicates a write cycle.
IACKN
I
Interrupt Acknowledge: Active low input indicating an interrupt acknowledge cycle. Usually asserted by the CPU in
response to an interrupt request. When asserted places the interrupt vector on the bus and asserts DACKN.
DACKN
O
Data Transfer Acknowledge: A3-State active -low output asserted in a write, read, or interrupt acknowledge cycle to
indicate proper transfer of data between the CPU and the DUART.
A0–A3
I
Address Inputs: Select the DUART internal registers and ports for read/write operations.
RESETN
I
Reset: A low level clears internal registers (SRA, SRB, IMR, ISR, OPR, OPCR), puts OP0–OP7 in the High state,
stops the counter/timer, and puts Channels A and B in the inactive state, with the TxDA and TxDB outputs in the mark
(High) state. Sets MR pointer to MR1. See Figure 4
INTRN
O
Interrupt Request: Active-Low, open-drain, output which signals the CPU that one or more of the eight maskable
interrupting conditions are true. This pin requires a pullup.
X1/CLK
I
Crystal 1: Crystal or external clock input. A crystal or clock of the specified limits must be supplied at all times. When
a crystal is used, a capacitor must be connected from this pin to ground (see Figure 11).
X2
O
Crystal 2: Connection for other side of the crystal. When a crystal is used, a capacitor must be connected from this
pin to ground (see Figure 11). If X1/CLK is driven from an external source, this pin must be left open.
RxDA
I
Channel A Receiver Serial Data Input: The least significant bit is received first. “Mark” is High, “space” is Low.
RxDB
I
Channel B Receiver Serial Data Input: The least significant bit is received first. “Mark” is High, “space” is Low.
TxDA
O
Channel A Transmitter Serial Data Output: The least significant bit is transmitted first. This output is held in the “mark”
condition when the transmitter is disabled, idle or when operating in local loop back mode. “Mark” is High; “space” is Low.
TxDB
O
Channel B Transmitter Serial Data Output: The least significant bit is transmitted first. This output is held in the ‘mark’
condition when the transmitter is disabled, idle, or when operating in local loop back mode. ‘Mark’ is High; ‘space’ is Low.
OP0
O
Output 0: General purpose output or Channel A request to send (RTSAN, active-Low). Can be deactivated
automatically on receive or transmit.
OP1
O
Output 1: General-purpose output or Channel B request to send (RTSBN, active-Low). Can be deactivated
automatically on receive or transmit.
OP2
O
Output 2: General purpose output, or Channel A transmitter 1X or 16X clock output, or Channel A receiver 1X clock
output.
OP3
O
Output 3: General purpose output or open-drain, active-Low counter/timer output or Channel B transmitter 1X clock
output, or Channel B receiver 1X clock output.
OP4
O
Output 4: General purpose output or Channel A open-drain, active-Low, RxA interrupt ISR [1] output.
OP5
O
Output 5: General-purpose output or Channel B open-drain, active-Low, RxB interrupt ISR[5] output.
OP6
O
Output 6: General purpose output or Channel A open-drain, active-Low, TxA interrupt ISR[0] output.
OP7
O
Output 7: General-purpose output, or Channel B open-drain, active-Low, TxB interrupt ISR[4] output.
IP0
I
Input 0: General purpose input or Channel A clear to send active-Low input (CTSAN).
IP1
I
Input 1: General purpose input or Channel B clear to send active-Low input (CTSBN).
IP2
I
Input 2: General-purpose input or counter/timer external clock input.
IP3
I
Input 3: General purpose input or Channel A transmitter external clock input (TxCA). When the external clock is used
by the transmitter, the transmitted data is clocked on the falling edge of the clock.
IP4
I
Input 4: General purpose input or Channel A receiver external clock input (RxCA). When the external clock is used by
the receiver, the received data is sampled on the rising edge of the clock.
IP5
I
Input 5: General purpose input or Channel B transmitter external clock input (TxCB). When the external clock is used
by the transmitter, the transmitted data is clocked on the falling edge of the clock.
VCC
Pwr
Power Supply: +3.3 or +5V supply input
±10%
GND
Pwr
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com