Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 10Page - NXP Semiconductors SC28L92 Datasheet HTML 11Page - NXP Semiconductors SC28L92 Datasheet HTML 12Page - NXP Semiconductors SC28L92 Datasheet HTML 13Page - NXP Semiconductors SC28L92 Datasheet HTML 14Page - NXP Semiconductors SC28L92 Datasheet HTML 15Page - NXP Semiconductors SC28L92 Datasheet HTML 16Page - NXP Semiconductors SC28L92 Datasheet HTML 17Page - NXP Semiconductors SC28L92 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
14
AC CHARACTERISTICS (3.3 VOLT) 1, 2, 3
VCC = 3.3V ± 10%, Tamb = –40°C to +85°C, unless otherwise specified.
LIMITS4
SYMBOL
PARAMETER
Min
Typ
Max
UNIT
Reset Timing (See Figure 4)
tRES
Reset pulse width
100
20
ns
Bus Timing5 (See Figure 5)
t*AS
A0–A3 setup time to RDN, WRN Low
10
6
ns
t*AH
A0–A3 hold time from RDN, WRN low
25
16
ns
t*CS
CEN setup time to RDN, WRN low
0
ns
t*CH
CEN Hold time from RDN. WRN low
0
ns
t*RW
WRN, RDN pulse width (Low time)
20
10
ns
t*DD
Data valid after RDN low (125pF load. See Figure 3 for smaller loads.)
46
75
ns
t*DA
RDN low to data bus active6
0
ns
t*DF
Data bus floating after RDN or CEN high
15
20
ns
t*DI
RDN or CEN high to data bus invalid7
0
ns
t*DS
Data bus setup time before WRN or CEN high (write cycle)
25
20
ns
t*DH
Data hold time after WRN high
0
–15
ns
t*RWD
High time between read and/or write cycles5, 7
20
10
ns
Port Timing5 (See Figure 9)
t*PS
Port in setup time before RDN low (Read IP ports cycle)
0
–20
ns
t*PH
Port in hold time after RDN high
0
–20
ns
t*PD
OP port valid after WRN or CEN high (OPR write cycle)
50
70
ns
Interrupt Timing (See Figure 10)
t*IR
INTRN (or OP3–OP7 when used as interrupts) negated from:
Read RxFIFO (RxRDY/FFULL interrupt)
40
60
ns
Write TxFIFO (TxRDY interrupt)
40
60
ns
Reset Command (delta break change interrupt)
40
60
ns
Stop C/T command (Counter/timer interrupt
40
60
ns
Read IPCR (delta input port change interrupt)
40
60
ns
Write IMR (Clear of change interrupt mask bit(s))
40
60
ns
Clock Timing (See Figure 11)
t*CLK
X1/CLK high or low time
30
25
ns
f*CLK
X1/CLK frequency8
0.1
3.686
8
MHz
f*CTC
C/T Clk (IP2) high or low time (C/T external clock input)
30
15
ns
f*CTC
C/T Clk (IP2) frequency8
0
8
MHz
t*RX
RxC high or low time (16X)
30
10
ns
f*RX
RxC Frequency (16X)
0
16
MHz
RxC Frequency (1x)8, 9
0
1
MHz
t*TX
TxC High or low time (16X)
30
15
ns
f*TX
TxC frequency (16X)
16
MHz
TxC frequency (1X)8, 9
0
1
MHz
Transmitter Timing, external clock (See Figure 12)
t*TXD
TxD output delay from TxC low (TxC input pin)
40
60
ns
t*TCS
Output delay from TxC output pin low to TxD data output
8
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com