Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 6Page - NXP Semiconductors SC28L92 Datasheet HTML 7Page - NXP Semiconductors SC28L92 Datasheet HTML 8Page - NXP Semiconductors SC28L92 Datasheet HTML 9Page - NXP Semiconductors SC28L92 Datasheet HTML 10Page - NXP Semiconductors SC28L92 Datasheet HTML 11Page - NXP Semiconductors SC28L92 Datasheet HTML 12Page - NXP Semiconductors SC28L92 Datasheet HTML 13Page - NXP Semiconductors SC28L92 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
10
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
Tamb
Operating ambient temperature range2
Note 4
°C
Tstg
Storage temperature range
–65 to +150
°C
VCC
Voltage from VCC to GND3
–0.5 to +7.0
V
VS
Voltage from any pin to GND3
–0.5 to VCC +0.5
V
PD
Package power dissipation (PLCC44)
2.4
W
PD
Package power dissipation (PQFP44)
1.78
W
Derating factor above 25
_C (PLCC44)
19
mW/
°C
Derating factor above 25
_C (PQFP44)
14
mW/
°C
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition above those indicated in the operation section of this specification is not
implied.
2. For operating at elevated temperatures, the device must be derated based on +150
°C maximum junction temperature.
3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.
4. Parameters are valid over specified temperature and voltage range.
DC ELECTRICAL CHARACTERISTICS1, 2, 3
VCC = 5V ± 10%, Tamb = –40°C to +85°C, unless otherwise specified.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VIL
Input low voltage
0.8
V
VIH
Input high voltage (except X1/CLK)
2.4
1.5
V
VIH
Input high voltage (X1/CLK)
0.8*VCC
2.4
V
VOL
Output low voltage
IOL = 2.4mA
0.2
0.4
V
VOH
Output high voltage (except OD outputs)4
IOH = -400µA
VCC -0.5
V
IIX1PD
X1/CLK input current - power down
VIN = 0 to VCC
0.5
0.05
0.5
µA
IILX1
X1/CLK input low current - operating
VIN = 0
–130
0
µA
IIHX1
X1/CLK input high current - operating
VIN = VCC
0
130
µA
Input leakage current:
II
All except input port pins
VIN = 0 to VCC
–0.5
0.05
+0.5
µA
Input port pins5
VIN = 0 to VCC
–8
0.05
+0.5
µA
IOZH
Output off current high, 3-State data bus
VIN = VCC
0.5
µA
IOZL
Output off current low, 3-State data bus
VIN = 0V
–0.5
µA
IODL
Open-drain output low current in off-state
VIN = 0
–0.5
µA
IODH
Open-drain output high current in off-state
VIN = VCC
0.5
µA
Power supply current6
ICC
Operating mode
CMOS input levels
7
25
mA
Power down mode
CMOS input levels
≤1
5
mA
NOTES:
1. Parameters are valid over specified temperature and voltage range.
2. All voltage measurements are referenced to ground (GND). For testing, all inputs swing between 0.4V and 3.0V with a transition time of
5ns maximum. For X1/CLK, this swing is between 0.4V and 0.8*VCC. All time measurements are referenced at input voltages of 0.8V and
2.0V and output voltages of 0.8V and 2.0V, as appropriate.
3. Typical values are at +25
°C, typical supply voltages, and typical processing parameters.
4. Test conditions for outputs: CL = 125pF, except open drain outputs. Test conditions for open drain outputs: CL = 125pF,
constant current source = 2.6mA.
5. Input port pins have active pull-up transistors that will source a typical 2
µA from VCC when the input pins are at VSS.
Input port pins at VCC source 0.0µA.
6. All outputs are disconnected. Inputs are switching between CMOS levels of VCC -0.2V and VSS + 0.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com