Electronic Components Datasheet Search
  English  ▼

X  

SCN26562 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SCN26562
Description  Dual universal serial communications controller DUSCC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN26562 Datasheet(HTML) 1 Page - NXP Semiconductors

  SCN26562 Datasheet HTML 1Page - NXP Semiconductors SCN26562 Datasheet HTML 2Page - NXP Semiconductors SCN26562 Datasheet HTML 3Page - NXP Semiconductors SCN26562 Datasheet HTML 4Page - NXP Semiconductors SCN26562 Datasheet HTML 5Page - NXP Semiconductors SCN26562 Datasheet HTML 6Page - NXP Semiconductors SCN26562 Datasheet HTML 7Page - NXP Semiconductors SCN26562 Datasheet HTML 8Page - NXP Semiconductors SCN26562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Philips Semiconductors
Product specification
SCN26562
Dual universal serial communications controller (DUSCC)
1
1995 May 1
853-0307 15179
DESCRIPTION
The Philips Semiconductors SCN26562 Dual Universal Serial
Communications Controller (DUSCC) is a single-chip MOS-LSI
communications device that provides two independent,
multi-protocol, full-duplex receiver/transmitter channels in a single
package. It supports bit-oriented and character-oriented (byte count
and byte control) synchronous data link controls as well as
asynchronous protocols. The SCN26562 interfaces to synchronous
bus MPUs and is capable of program-polled, interrupt driven,
block-move or DMA data transfers.
The operating mode and data format of each channel can be
programmed independently. Each channel consists of a receiver, a
transmitter, a 16-bit multi-function counter/timer, a digital
phase-locked loop (DPLL), a parity/CRC generator and checker, and
associated control circuits. The two channels share a common bit
rate generator (BRG), operating directly from a crystal or an external
clock, which provides 16 common bit rates simultaneously. The
operating rate for the receiver and transmitter of each channel can
be independently selected from the BRG, the DPLL, the
counter/timer, or from an external 1X or 16X clock, making the
DUSCC well suited for dual-speed channel applications. Data rates
up to 4Mbits per second are supported.
The transmitter and receiver each contain a four-deep FIFO with
appended transmitter command and receiver status bits and a shift
register. This permits reading and writing of up to four characters at
a time, minimizing the potential of receiver overrun or transmitter
underrun, and reducing interrupt or DMA overhead. In addition, a
flow control capability is provided to disable a remote transmitter
when the FIFO of the local receiving device is full.
Two modem control inputs (DCD and CTS) and three modem
control outputs (RTS and two general purpose) are provided.
Because the modem control inputs and outputs are general purpose
in nature, they can be optionally programmed for other functions.
This document contains the electrical specifications for the
SCN26562. See SCN26562/SCN68562 User’s Guide for complete
functional description.
FEATURES
General Features
• Dual full-duplex synchronous/asynchronous receiver and
transmitter
• Multiprotocol operation
– BOP: HDLC/ADCCP, SDLC, SDLC loop, X.25 or X.75 link level,
etc.
– COP: BISYNC, DDCMP
– ASYNC: 5–8 bits plus optional parity
• Four character receiver and transmitter FIFOs
• 0 to 4Mbit/sec data rate
• Programmable bit rate for each receiver and transmitter selectable
from:
– 16 fixed rates: 50 to 38.4k baud
– One user-defined rate derived from programmable
counter/timer
– External 1X or 16X clock
– Digital phase-locked loop
• Parity and FCS (frame check sequence LRC or CRC) generation
and checking
• Programmable data encoding/decoding: NRZ, NRZI, FM0, FM1,
Manchester
• Programmable channel mode: full- and half-duplex, auto-echo, or
local loopback
• Programmable data transfer mode: polled, interrupt, DMA, wait
• DMA interface
– Single- or dual-address dual transfers
– Half- or full-duplex operation
– Automatic frame termination on counter/timer terminal count or
DMA EOPN input
• Interrupt capabilities
– Vector output (fixed or modified by status)
– Programmable internal priorities
– Maskable interrupt conditions
• Multi-function programmable 16-bit counter/timer
– Bit rate generator
– Event counter
– Count received or transmitted characters
– Delay generator
– Automatic bit length measurement
• Modem controls
– RTS, CTS, DCD, and up to four general purpose pins per
channel
– CTS and DCD programmable auto-enables for Tx and Rx
– Programmable interrupt on change of CTS or DCD
• On-chip oscillator for crystal
• TTL compatible
• Single +5V power supply
Asynchronous Mode Features
• Character length: 5 to 8 bits
• Odd or even parity, no parity, or force parity
• Up to two stop bits programmable in 1/16-bit increments
• 1X or 16X and Tx clock factors
• Parity, overrun, and framing error detection
• False start bit detection
• Start bit search 1/2-bit time after framing error detection
• Break generation with handshake for counting break characters
• Detection of start and end of received break
• Character compare with optional interrupt on match
• Transmits up to 4Mbit/sec data rate Receives up to 2Mbit/sec data
rate


Similar Part No. - SCN26562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
Programmable communications interface PCI
1994 Apr 27
SCN2651CC1N28 PHILIPS-SCN2651CC1N28 Datasheet
118Kb / 15P
Programmable communications interface PCI
1994 Apr 27
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
More results

Similar Description - SCN26562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SCN68562 PHILIPS-SCN68562 Datasheet
120Kb / 18P
Dual universal serial communications controller DUSCC
1995 May 01
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
UNIVERSAL COMMUNICATIONS CONTROLLER
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
Serial Communications Controller
logo
NXP Semiconductors
SC26C562 PHILIPS-SC26C562_06 Datasheet
150Kb / 22P
CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152_10 Datasheet
914Kb / 61P
Universal Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com