Electronic Components Datasheet Search
  English  ▼

X  

SCN26562 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SCN26562
Description  Dual universal serial communications controller DUSCC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN26562 Datasheet(HTML) 2 Page - NXP Semiconductors

  SCN26562 Datasheet HTML 1Page - NXP Semiconductors SCN26562 Datasheet HTML 2Page - NXP Semiconductors SCN26562 Datasheet HTML 3Page - NXP Semiconductors SCN26562 Datasheet HTML 4Page - NXP Semiconductors SCN26562 Datasheet HTML 5Page - NXP Semiconductors SCN26562 Datasheet HTML 6Page - NXP Semiconductors SCN26562 Datasheet HTML 7Page - NXP Semiconductors SCN26562 Datasheet HTML 8Page - NXP Semiconductors SCN26562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
Product specification
SCN26562
Dual universal serial communications controller (DUSCC)
1995 May 1
2
Character-Oriented Protocol Features
• Character length: 5 to 8 bits
• Odd or even parity, no parity, or force parity
• LRC or CRC generation and checking
• Optional opening PAD transmission
• One or two SYN characters
• External sync capability
• SYN detection and optional stripping
• SYN or MARK line-fill on underrun
• Idle in MARK or SYNs
• Parity, FCS, overrun, and underrun error detection
BISYNC Features
• EBCDIC or ASCII header, text and control messages
• SYN, DLE stripping
• EOM (end of message) detection and transmission
• Auto transparent mode switching
• Auto hunt after receipt of EOM sequence (with closing PAD check
after EOT or NAK)
• Control character sequence detection for both transparent and
normal text
Bit-Oriented Protocol Features
• Character length: 5 to 8 bits
• Detection and transmission of residual character: 0–7 bits
• Automatic switch to programmed character length for I field
• Zero insertion and detection
• Optional opening PAD transmission
• Detection and generation of FLAG, ABORT, and IDLE bit patterns
• Detection and generation of shared (single) FLAG between
frames
• Detection of overlapping (shared zero) FLAGs
• ABORT, ABORT-FLAGs, or FCS FLAGs line-fill on underrun
• Idle in MARK or FLAGs
• Secondary address recognition including group and global
address
• Single- or dual-octet secondary address
• Extended address and control fields
• Short frame rejection for receiver
• Detection and notification of received end of message
• CRC generation and checking
• SDLC loop mode capability
ORDERING INFORMATION
DESCRIPTION
VCC = +5V +5%, TA = 0°C to +70°C
DWG #
DESCRIPTION
Serial Data Rate =
4Mbps Maximum
DWG #
48-Pin Plastic Dual In-Line Package (DIP)
SCN26562C4N48
SOT240-1
52-Pin Plastic Leaded Chip Carrier (PLCC) Package
SCN26562C4A52
SOT238-3
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating ambient temperature2
0 to +70
°C
TSTG
Storage temperature
-65 to +150
°C
VCC
Voltage from VCC to GND3
–0.5 to +7.0
V
VS
Voltage from any pin to ground3
–0.5 to VCC +0.5
V
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not
implied.
2. For operating at elevated temperatures, the device must be derated based on +150
°C maximum junction temperature and thermal
resistance of 36
°C/W junction to ambient for ceramic DIP, 40°C/W for plastic DIP, and 42°C/W for PLCC.
3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com