Electronic Components Datasheet Search
  English  ▼

X  

XBD Datasheet(PDF) 13 Page - Cree LED

Part # XBD
Description  XLamp® XB-D LEDs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XBD Datasheet(HTML) 13 Page - Cree LED

Back Button XBD Datasheet HTML 9Page - Cree LED XBD Datasheet HTML 10Page - Cree LED XBD Datasheet HTML 11Page - Cree LED XBD Datasheet HTML 12Page - Cree LED XBD Datasheet HTML 13Page - Cree LED XBD Datasheet HTML 14Page - Cree LED XBD Datasheet HTML 15Page - Cree LED XBD Datasheet HTML 16Page - Cree LED XBD Datasheet HTML 17Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
XLAMP® XB-D LED
© 2011-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS45
REV 18
13
Notes:
•
For additional order codes NOT recommended for new designs please see the Appendix section starting on page 40 .
•
XLamp XB-D LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
Red-Orange
Minimum
Luminous Flux
(lm) @ 350 mA
Order Codes
Kit
Dominant
Wavelengh (nm)
Code
Flux (lm)
01
610 - 620
R2
114
XBDRDO-00-0000-000000E01
Q5
107
XBDRDO-00-0000-000000D01
Q4
100
XBDRDO-00-0000-000000C01
Q3
93.9
XBDRDO-00-0000-000000B01
Q2
87.4
XBDRDO-00-0000-000000A01
02
610 - 615
R2
114
XBDRDO-00-0000-000000E02
Q5
107
XBDRDO-00-0000-000000D02
Q4
100
XBDRDO-00-0000-000000C02
Q3
93.9
XBDRDO-00-0000-000000B02
Q2
87.4
XBDRDO-00-0000-000000A02
03
615 -620
Q4
100
XBDRDO-00-0000-000000C03
Q3
93.9
XBDRDO-00-0000-000000B03
Q2
87.4
XBDRDO-00-0000-000000A03
Red
Minimum
Luminous Flux
(lm) @ 350 mA
Order Codes
Kit
Dominant
Wavelengh (nm)
Code
Flux (lm)
01
620 - 630
P4
80.6
XBDRED-00-0000-000000901
P3
73.9
XBDRED-00-0000-000000801
P2
67.2
XBDRED-00-0000-000000701
02
620 - 625
P4
80.6
XBDRED-00-0000-000000902
P3
73.9
XBDRED-00-0000-000000802
P2
67.2
XBDRED-00-0000-000000702
ORDER CODES SUGGESTED FOR NEW DESIGNS - COLOR (T
J = 25 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com