Electronic Components Datasheet Search
  English  ▼

X  

XBD Datasheet(PDF) 16 Page - Cree LED

Part # XBD
Description  XLamp® XB-D LEDs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XBD Datasheet(HTML) 16 Page - Cree LED

Back Button XBD Datasheet HTML 12Page - Cree LED XBD Datasheet HTML 13Page - Cree LED XBD Datasheet HTML 14Page - Cree LED XBD Datasheet HTML 15Page - Cree LED XBD Datasheet HTML 16Page - Cree LED XBD Datasheet HTML 17Page - Cree LED XBD Datasheet HTML 18Page - Cree LED XBD Datasheet HTML 19Page - Cree LED XBD Datasheet HTML 20Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
XLAMP® XB-D LED
© 2011-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS45
REV 18
16
ELECTRICAL CHARACTERISTICS - WHITE (T
J = 85 °C)
ELECTRICAL CHARACTERISTICS - COLOR (T
J = 25 °C)
0
100
200
300
400
500
600
700
800
900
1000
2.0
2.5
3.0
3.5
4.0
Forward Voltage (V)
White
Electrical Characteristics (Tj = 25ºC)
0
100
200
300
400
500
600
700
800
900
1000
2.0
2.5
3.0
3.5
4.0
Forward Voltage (V)
Royal Blue, Blue
Green
PC Amber
Amber
Red-Orange, Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com