Electronic Components Datasheet Search
  English  ▼

X  

XBD Datasheet(PDF) 21 Page - Cree LED

Part # XBD
Description  XLamp® XB-D LEDs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XBD Datasheet(HTML) 21 Page - Cree LED

Back Button XBD Datasheet HTML 17Page - Cree LED XBD Datasheet HTML 18Page - Cree LED XBD Datasheet HTML 19Page - Cree LED XBD Datasheet HTML 20Page - Cree LED XBD Datasheet HTML 21Page - Cree LED XBD Datasheet HTML 22Page - Cree LED XBD Datasheet HTML 23Page - Cree LED XBD Datasheet HTML 24Page - Cree LED XBD Datasheet HTML 25Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
XLAMP® XB-D LED
© 2011-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS45
REV 18
21
THERMAL DESIGN - CONTINUED
PERFORMANCE GROUPS – LUMINOUS FLUX
XLamp XB-D LEDs, except royal blue, are tested for luminous flux and placed into one of the following luminous-flux groups. These
groups, appended with a 0, are used in the Bin Code “Luminous or radiant flux group.”
Group Code
Minimum Luminous Flux (lm)
@ 350 mA
Maximum Luminous Flux (lm)
@ 350 mA
K2
30.6
35.2
K3
35.2
39.8
M2
39.8
45.7
M3
45.7
51.7
N2
51.7
56.8
N3
56.8
62
N4
62
67.2
P2
67.2
73.9
P3
73.9
80.6
P4
80.6
87.4
Q2
87.4
93.9
Q3
93.9
100
Q4
100
107
Q5
107
114
R2
114
122
R3
122
130
R4
130
139
R5
139
148
S2
148
156
S3
156
164
red-orange, red
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Red-Orange, Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com