Electronic Components Datasheet Search
  English  ▼

X  

XFL Datasheet(PDF) 3 Page - Cree LED

Part # XFL
Description  XLamp® XFL LEDs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XFL Datasheet(HTML) 3 Page - Cree LED

  XFL Datasheet HTML 1Page - Cree LED XFL Datasheet HTML 2Page - Cree LED XFL Datasheet HTML 3Page - Cree LED XFL Datasheet HTML 4Page - Cree LED XFL Datasheet HTML 5Page - Cree LED XFL Datasheet HTML 6Page - Cree LED XFL Datasheet HTML 7Page - Cree LED XFL Datasheet HTML 8Page - Cree LED XFL Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
XLAMP® XFL LED
© 2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS347
REV 1
3
MAXIMUM CURRENT VS. JUNCTION TEMPERATURE
XFL LEDs should be driven at maximum current for only up to 60 seconds at a time with design measures taken to ensure the junction
temperature (Tj) never exceeds the Tj value at the operating drive current as shown in the Maximum Current vs. Junction Temperature
graphs below. For applications requiring longer operating lifetime, please refer to the LED Reliability Overview document for guidance on
drive currents for which XFL LEDs have been tested for hours of continuous operation.
0
2
4
6
8
10
12
14
16
0
20
40
60
80
100
120
140
160
Junction Temperature (°C)
90 °C, 15 A
150 °C,
9.1 A
XFL05K
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
160
Junction Temperature (°C)
83 °C, 27 A
150 °C,
16 A
XFL08K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com