Electronic Components Datasheet Search
  English  ▼

X  

XFL Datasheet(PDF) 1 Page - Cree LED

Part # XFL
Description  XLamp® XFL LEDs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XFL Datasheet(HTML) 1 Page - Cree LED

  XFL Datasheet HTML 1Page - Cree LED XFL Datasheet HTML 2Page - Cree LED XFL Datasheet HTML 3Page - Cree LED XFL Datasheet HTML 4Page - Cree LED XFL Datasheet HTML 5Page - Cree LED XFL Datasheet HTML 6Page - Cree LED XFL Datasheet HTML 7Page - Cree LED XFL Datasheet HTML 8Page - Cree LED XFL Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS347
REV 1
1
XLamp® XFL LEDs
PRODUCT DESCRIPTION
XLamp® XFL LEDs are the first LED family
that is fully optimized for flashlights and
other portable lighting applications in
terms of light output, optical performance
and value. The XFL LED family is offered in
three performance levels that are designed
for specific flashlight output targets of 5K,
8K and 10K lm with typical optical and
thermal losses taken into account. With a
90% smaller light‑emitting surface (LES)
than competing solutions with similar light
output, XFL LEDs create portable lights
with better looking beam shapes, less color
variations and longer throw distance.
XLamp XFL LEDs are optimized for
high‑output flashlight and other portable
lighting applications.
FEATURES
• Available in ANSI white bins at 6500 K,
5700 K & 5000 K CCT
• Binned at 25 °C
• Available in 70 and 80 (XFL05K only)
CRI minimum options
• Unlimited floor life at ≤ 30 °C/85% RH
• Reflow solderable ‑ JEDEC J‑STD‑020C
compatible
• Electrically neutral thermal path
• RoHS and REACH compliant
• UL® recognized component (E349212)
TABLE OF CONTENTS
Characteristics ............................................... 2
Maximum Current vs. Junction
Temperature ................................................... 3
Flux Characteristics ....................................... 5
Relative Spectral Power Distribution ............ 6
Relative Flux vs. Junction Temperature........ 6
Electrical Characteristics............................... 8
Relative Flux vs. Current ................................ 9
Typical Spatial Distribution.......................... 11
Performance Groups ‑ Chromaticity........... 13
ANSI Cool and Neutral White Kits Plotted
on ANSI Standard Chromaticity Regions.... 13
Standard Chromaticity Kits ......................... 14
Bin and Order Code Formats....................... 14
Reflow Soldering Characteristics................ 15
Notes ............................................................ 16
Mechanical Dimensions .............................. 17
Tape and Reel............................................... 19
Packaging..................................................... 23


Similar Part No. - XFL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XFL2005 COILCRAFT-XFL2005 Datasheet
165Kb / 2P
Shielded Power INductors
XFL2005 COILCRAFT-XFL2005 Datasheet
185Kb / 3P
Shielded Power Inductors
XFL2005 COILCRAFT-XFL2005 Datasheet
100Kb / 1P
Designer’s Kits
XFL2005-102ME COILCRAFT-XFL2005-102ME Datasheet
185Kb / 3P
Shielded Power Inductors
XFL2005-103ME COILCRAFT-XFL2005-103ME Datasheet
185Kb / 3P
Shielded Power Inductors
More results

Similar Description - XFL

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
XLamp LEDs
Rev 2E
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
XLamp LEDs
Rev 6D
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
XLamp® XB-D LEDs
REV 15
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com