Electronic Components Datasheet Search
  English  ▼

X  

XFL Datasheet(PDF) 2 Page - Cree LED

Part # XFL
Description  XLamp® XFL LEDs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XFL Datasheet(HTML) 2 Page - Cree LED

  XFL Datasheet HTML 1Page - Cree LED XFL Datasheet HTML 2Page - Cree LED XFL Datasheet HTML 3Page - Cree LED XFL Datasheet HTML 4Page - Cree LED XFL Datasheet HTML 5Page - Cree LED XFL Datasheet HTML 6Page - Cree LED XFL Datasheet HTML 7Page - Cree LED XFL Datasheet HTML 8Page - Cree LED XFL Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
XLAMP® XFL LED
© 2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS347
REV 1
2
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Thermal resistance, junction to solder point‑ XFL05K
°C/W
0.2
Thermal resistance, junction to solder point ‑ XFL08K
°C/W
0.1
Thermal resistance, junction to solder point ‑ XFL10K
°C/W
0.1
Viewing angle (FWHM) ‑ XFL05K
degrees
140
Viewing angle (FWHM) ‑ XFL08K
degrees
150
Viewing angle (FWHM) ‑ XFL10K
degrees
150
Temperature coefficient of voltage ‑ XFL05K
mV/°C
‑2.6
Temperature coefficient of voltage ‑ XFL08K
mV/°C
‑2.8
Temperature coefficient of voltage ‑ XFL10K
mV/°C
‑2.9
Reverse voltage
V
5
Forward current ‑ XFL05K*
A
15
Forward current ‑ XFL08K*
A
27
Forward current ‑ XFL10K*
A
32
Forward voltage (@ 1750 mA, 25 °C) ‑ XFL05K
V
5.6
6.1
Forward voltage (@ 3150 mA, 25 °C) ‑ XFL08K
V
5.7
6.1
Forward voltage (@ 4200 mA, 25 °C) ‑ XFL10K
V
5.7
6.1
LED junction temperature
°C
25
150
Note
• Thermal resistance measurement was performed per the JEDEC JESD51‑14 standard. See the Thermal Resistance Measurement
application note for more details.
* Refer to the Maximum Current vs. Junction Point Temperature section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com