Electronic Components Datasheet Search
  English  ▼

X  

SL1ICS3001 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SL1ICS3001
Description  I.CODE1 Label IC Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3001 Datasheet(HTML) 5 Page - NXP Semiconductors

  SL1ICS3001 Datasheet HTML 1Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 2Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 3Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 4Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 5Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 6Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 7Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 8Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
I•CODE1 Chip Specification
Rev. 2.1
May 2000
SL040521.doc/M
Public
Page 5 of 22
3 Scope
This specification describes the electrical, physical and dimensional properties of unsawn and sawn
wafers on FFC of I•CODE1 Label ICs on a Philips 6C15 IDFW process and is the base for delivery
of tested I•CODE1 Label ICs.
General recommendations are given for storage, handling and processing of wafers as well as
assembly of labels.
Reference documents:
MIL-STD 883D Method 3023
MIL-STD 883D Method 3015
SNW-FQ-627
PICTOH-QS007
General Specification for 6” Wafer (Prod. Spec.)
General Quality Specification
I•CODE1 Label IC, Coil Design Guide
This product specification is valid for VCOL1V0 from mask revision P/B upwards.
4 Ordering Information
Following ordering options are available:
Type Name
Description
Ordering Code
SL1 ICS30 01W/N5D
Sawn wafer on foil (FFC), 150 µm, inked and mapped
9352 644 66005
SL1 ICS30 01U/N5D
Unsawn wafer, 150 µm, inked and mapped
9352 644 65025
SL1 ICS30 01U/L6D
Unsawn wafer, 525 µm, mapped (not inked)
9352 644 64025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com