Electronic Components Datasheet Search
  English  ▼

X  

SL1ICS3001 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SL1ICS3001
Description  I.CODE1 Label IC Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3001 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SL1ICS3001 Datasheet HTML 6Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 7Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 8Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 9Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 10Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 11Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 12Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 13Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
I•CODE1 Chip Specification
Rev. 2.1
May 2000
SL040521.doc/M
Public
Page 10 of 22
7 Mechanical Wafer Specifications
For further information as described in the following chapters please refer to the following
Philips documents:
• Dicing Guidelines for Thin Wafers (< 200 µm)
• General Specification for 6” Wafer (Prod. Spec.)
In case of doubt or inconsistency with the following chapters the above mentioned specifications
are applicable.
Designation:
each wafer is laser scribed with batch and wafer number
Wafer diameter:
150 mm (6")
± 0.3 mm
Die separation lane width:
80 µm (Scribe line)
Electrical connection of substrate:
VSS
Geometrically complete dies per wafer:
approx. 7400
Orientation of dies relat. to wafer flat:
see attached cluster map
Position of test structures:
see attached cluster map
Wafer layout:
see attached cluster map
Batch size:
24 wafers
Process:
6C15 IDFW
7.1 Wafer Status
• Tested, unsawn
• Tested, sawn on FFC
Minimum yield per lot:
30 %
7.2 Backside Treatment
Wafers can be delivered with a thickness of 525 µm (untreated) or with 150
µm ± 15 µm (approx.
6 mil) grinded and etched backside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com