Electronic Components Datasheet Search
  English  ▼

X  

SL1ICS3001 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SL1ICS3001
Description  I.CODE1 Label IC Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3001 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SL1ICS3001 Datasheet HTML 2Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 3Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 4Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 5Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 6Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 7Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 8Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 9Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
I•CODE1 Chip Specification
Rev. 2.1
May 2000
SL040521.doc/M
Public
Page 6 of 22
5 Functional Description
5.1 Basic Features
The I•CODE1 Label IC is a dedicated chip for intelligent label applications like logistics and retail
(including EAS) as well as baggage and parcel identification in airline business and mail services.
The I•CODE system offers the possibility of operating labels simultaneously in the field of the
reader antenna (Anticollision). It is designed for long range applications.
Whenever connected to a very simple and cheap type of antenna (as a result of the 13.56 MHz
carrier frequency) made out of a few windings printed, winded, etched or punched coil the
I•CODE1 Label IC can be operated without line of sight up to a distance of 1.5 m (gate width).
5.2 Block Diagram of the IC
The label requires no internal power supply. Its contactless interface generates the power supply
and the system clock via the resonant circuitry by inductive coupling to the reader. The interface
also demodulates data that are transmitted from the reader to the I•CODE Label, and modulates the
electromagnetic field for data transmission from the I•CODE Label to the reader.
Data are stored in a non-volatile memory (EEPROM). The EEPROM has a memory capacity of 512
bit and is organised in 16 blocks consisting of 4 bytes each (1 block = 32 bits). The higher 12 blocks
contain user data and the lowest 4 blocks contain the serial number, the write access conditions and
some configuration bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com