Electronic Components Datasheet Search
  English  ▼

X  

SST29SF040 Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST29SF040
Description  2 Mbit / 4 Mbit (x8) Small-Sector Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF040 Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST29SF040 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
2 Mbit / 4 Mbit Small-Sector Flash
SST29SF020 / SST29SF040
SST29VF020 / SST29VF040
3
©2005 Silicon Storage Technology, Inc.
S71160-13-000
10/06
Data# Polling (DQ7)
When the SST29SF020/040 and SST29VF020/040
devices are in the internal Program operation, any
attempt to read DQ7 will produce the complement of the
true data. Once the Program operation is completed,
DQ7 will produce true data. Note that even though DQ7
may have valid data immediately following the completion
of an internal Write operation, the remaining data outputs
may still be invalid: valid data on the entire data bus will
appear in subsequent successive Read cycles after an
interval of 1 µs. During internal Erase operation, any
attempt to read DQ7 will produce a ‘0’. Once the internal
Erase operation is completed, DQ7 will produce a ‘1’. The
Data# Polling is valid after the rising edge of fourth WE#
(or CE#) pulse for Program operation. For Sector- or
Chip-Erase, the Data# Polling is valid after the rising
edge of sixth WE# (or CE#) pulse. See Figure 7 for
Data# Polling timing diagram and Figure 17 for a flow-
chart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating ‘0’s
and ‘1’s, i.e., toggling between 0 and 1. When the internal
Program or Erase operation is completed, the toggling will
stop. The device is then ready for the next operation. The
Toggle Bit is valid after the rising edge of fourth WE# (or
CE#) pulse for Program operation. For Sector or Chip-
Erase, the Toggle Bit is valid after the rising edge of sixth
WE# (or CE#) pulse. See Figure 8 for Toggle Bit timing dia-
gram and Figure 17 for a flowchart.
Data Protection
The SST29SF020/040 and SST29VF020/040 devices
provide both hardware and software features to protect
nonvolatile data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 2.5V for SST29SF020/
040. The Write operation is inhibited when VDD is less than
1.5V. for SST29VF020/040.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Software Data Protection (SDP)
The SST29SF020/040 and SST29VF020/040 provide
the JEDEC approved Software Data Protection scheme for
all data alteration operations, i.e., Program and Erase. Any
Program operation requires the inclusion of a series of
three- byte sequence. The three-byte load sequence is
used to initiate the Program operation, providing optimal
protection from inadvertent Write operations, e.g., during
the system power-up or power-down. Any Erase operation
requires the inclusion of a six-byte load sequence. These
devices are shipped with the Software Data Protection per-
manently enabled. The specific software command codes
are shown in Table 4. During SDP command sequence,
invalid commands will abort the device to read mode, within
TRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com