Electronic Components Datasheet Search
  English  ▼

X  

SST29SF040 Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST29SF040
Description  2 Mbit / 4 Mbit (x8) Small-Sector Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF040 Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST29SF040 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
Data Sheet
2 Mbit / 4 Mbit Small-Sector Flash
SST29SF020 / SST29SF040
SST29VF020 / SST29VF040
©2005 Silicon Storage Technology, Inc.
S71160-13-000
10/06
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V
Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V
Package Power Dissipation Capability (TA = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Through Hole Lead Soldering Temperature (10 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Surface Mount Solder Reflow Temperature1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Output Short Circuit Current2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Excluding certain with-Pb 32-PLCC units, all packages are 260
°C capable in both non-Pb and with-Pb solder versions.
Certain with-Pb 32-PLCC package types are capable of 240
°C for 10 seconds; please consult the factory for the latest information.
2. Outputs shorted for no more than one second. No more than one output shorted at a time.
Operating Range for SST29SF020/040
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
4.5-5.5V
Industrial
-40°C to +85°C
4.5-5.5V
Operating Range for SST29VF020/040
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.6V
Industrial
-40°C to +85°C
2.7-3.6V
AC Conditions of Test
Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns
Output Load . . . . . . . . . . . . . . . . . . . . . CL =
30 pF for 55 ns
Output Load . . . . . . . . . . . . . . . . . . . . . CL = 100 pF for 70 ns
See Figures 13, 14, and 15
TABLE
5: DC Operating Characteristics VDD = 4.5-5.5V for SST29SF020/040
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VIL/VIH, at f=1/TRC Min
VDD=VDD Max
Read
25
mA
CE#=OE#=VIL, WE#=VIH, all I/Os open
Write
30
mA
CE#=WE#=VIL, OE#=VIH
ISB1
Standby VDD Current (TTL input)
3
mA
CE#=VIH, VDD=VDD Max
ISB2
Standby VDD Current (CMOS input)
100
µA
CE#=VIHC, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
2.0
V
VDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.4
V
IOL=2.1 µA, VDD=VDD Min
VOH
Output High Voltage
2.4
V
IOH=-400 µA, VDD=VDD Min
T5.7 1160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com