Electronic Components Datasheet Search
  English  ▼

X  

LT1006 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1006
Description  Precision, Single Supply Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1006 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1006 Datasheet HTML 8Page - Linear Technology LT1006 Datasheet HTML 9Page - Linear Technology LT1006 Datasheet HTML 10Page - Linear Technology LT1006 Datasheet HTML 11Page - Linear Technology LT1006 Datasheet HTML 12Page - Linear Technology LT1006 Datasheet HTML 13Page - Linear Technology LT1006 Datasheet HTML 14Page - Linear Technology LT1006 Datasheet HTML 15Page - Linear Technology LT1006 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1006
1006fa
6
OUTPUT
7
V
+
3
+IN
400Ω
2
–IN
4
V
–
9k
9k
1.6k
Q6
Q5
Q13
Q28
Q21
Q16
Q14
400Ω
1.6k
1.6k 100Ω
Q15 Q32
1k
600Ω
Q12
Q27
Q1
Q22
Q2
Q7
Q8
Q3
3.9k
21pF
Q9
75pF
1
TRIM
5
8
TRIM
Q11
2.7k
2k
2.7k
2k
2k
1.3k
Q29
Q4
Q20
Q10
2.5pF
Q18
Q19
15pF
4pF
2k
Q23
Q31
2k
30Ω
100pF
Q34
Q43
Q24
Q30
Q25
2.4k
18Ω
28k
Q33
Q26
Q37
V
–
Q39
Q40
Q41
Q42
Q44
84k
2.5k
5.4k
Q38
Q35
Q36
Q17
J1
LT1006 • SD01
1/2 LTC1043
LT1006 • TA10
5V
–5V
5V
8
3
2
1
4
+
VOUT
CMRR > 120dB AT DC
CMRR > 120dB AT 60Hz
DUAL SUPPLY OR SINGLE 5V
GAIN = 1 + R2/R1
VOS ≈ 150µV
COMMON MODE INPUT VOLTAGE INCLUDES THE SUPPLIES
C1
1
µF
(EXTERNAL)
1
µF
C2
1
µF
11
12
4
16
17
13
7
8
14
–
+
LT1006
–5V
DIFFERENTIAL
INPUT
0.01
µF
R2
R1
∆V
OS
≈ 2µV/°C
∆T
±5V Precision Instrumentation Amplifier
TYPICAL APPLICATIO S
SCHE ATIC DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com