| Electronic Components Datasheet Search |
|
LT1006 Datasheet(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1006 Datasheet(HTML) 4 Page - Linear Technology |
|
4 / 16 page ![]() 4 LT1006 1006fa The ● denotes the specifications which apply over the full operating temperature range. VS = 5V, 0V; VCM = 0V; VO = 1.4V; 0°C ≤ TA ≤ 70°C, unless otherwise noted. ELECTRICAL CHARACTERISTICS LT1006AM/AC LT1006M/C SYMBOL PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS VOS Input Offset Voltage 30 100 50 180 µV LT1006S8 100 525 µV IOS Input Offset Current 0.1 0.5 0.15 0.9 nA IB Input Bias Current 7.5 12.0 8 20 nA Input Voltage Range 13.5 13.8 13.5 13.8 V –15.0 –15.3 –15.0 –15.3 V CMRR Common Mode Rejection Ratio VCM = +13.5V, –15V 100 117 97 116 dB PSRR Power Supply Rejection Ratio VS = ±2V to ±18V, VO = 0V 106 126 103 124 dB AVOL Large Signal Voltage Gain VO = ±10V, RL = 2k 1.5 5.0 1.2 4.0 V/µV VO = ±10V, RL = 600Ω 0.8 1.5 0.5 1.0 V/µV VOUT Maximum Output Voltage Swing RL = 2k ±13 ±14 ±12.5 ±14 V SR Slew Rate RSET = ∞ 0.25 0.4 0.25 0.4 V/µs RSET = 390Ω Pin 8 to Pin 4 1.0 1.2 1.0 1.2 V/µs IS Supply Current 360 540 360 600 µA VS = ±15V, TA = 25°C, unless otherwise noted. LT1006AC LT1006C SYMBOL PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS VOS Input Offset Voltage J8/H Package ● 30 110 45 160 µV N8 Package ● 50 190 µV S8 Package ● 110 560 µV ∆VOS Input Offset Voltage Drift J8/H Package ● 0.2 1.3 0.3 1.8 µV/°C ∆Temp N8 Package ● 0.5 2.5 µV/°C S8 Package ● 0.7 3.5 µV/°C IOS Input Offset Current ● 0.25 1.2 0.3 2.5 nA IB Input Bias Current ● 11 20 12 30 nA AVOL Large-Signal Voltage Gain VO = 0.04V to 3.5V, RL = 2k ● 0.35 1.3 0.25 1.2 V/µV CMRR Common Mode Rejection Ratio VCM = 0V to 3.4V ● 96 109 92 108 dB PSRR Power Supply Rejection Ratio VS = ±2V to ±18V, VO = 0V ● 101 120 97 118 dB Maximum Output Voltage Swing Output Low, 600Ω to GND ● 613 6 13 mV Output High, 600Ω to GND ● 3.3 3.9 3.2 3.9 V IS Supply Current ● 350 570 360 620 µA |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |