Electronic Components Datasheet Search
  English  ▼

X  

LT1006 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1006
Description  Precision, Single Supply Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1006 Datasheet(HTML) 2 Page - Linear Technology

  LT1006 Datasheet HTML 1Page - Linear Technology LT1006 Datasheet HTML 2Page - Linear Technology LT1006 Datasheet HTML 3Page - Linear Technology LT1006 Datasheet HTML 4Page - Linear Technology LT1006 Datasheet HTML 5Page - Linear Technology LT1006 Datasheet HTML 6Page - Linear Technology LT1006 Datasheet HTML 7Page - Linear Technology LT1006 Datasheet HTML 8Page - Linear Technology LT1006 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1006
1006fa
Supply Voltage ...................................................... ±22V
Input Voltage ............... Equal to Positive Supply Voltage
Input Voltage ............ 5V Below Negative Supply Voltage
Differential Input Voltage ......................................... 30V
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
Operating Temperature Range
LT1006AM/LT1006M (OBSOLETE)....– 55°C to 125°C
LT1006AC/LT1006C/LT1006S8 ............... 0°C to 70°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER
PART NUMBER
LT1006AMH
LT1006MH
LT1006ACH
LT1006CH
ORDER
PART NUMBER
LT1006CN8
LT1006S8
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
VOS
TRIM
ISY SET
(NOTE 3)
VOS TRIM
(NOTE 4)
S8 PART MARKING
1006
TJMAX = 100°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 200°C/W (S8)
J8 PACKAGE 8-LEAD CERDIP
TJMAX = 100°C, θJA = 130°C/W
OBSOLETE PACKAGES
Consider the N8 or S8 Package for Alternate Source
LT1006AMJ8
LT1006MJ8
LT1006ACJ8
LT1006CJ8
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
V+
ISY SET
(NOTE 3)
VOS
TRIM
–IN
OUT
VOS
TRIM
(NOTE 4)
+IN
V–
(CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
TJMAX = 150°C, θJA = 150°C, θJC = 45°C
–
+
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
LT1006AM/AC
LT1006M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
20
50
30
80
µV
LT1006S8
80
400
µV
∆VOS
Long-Term Input Offset
0.4
0.5
µV/Mo
∆Time
Voltage Stability
LT1006S8
0.7
µV/Mo
IOS
Input Offset Current
0.12
0.5
0.15
0.9
nA
IB
Input Bias Current
9
15
10
25
nA
en
Input Noise Voltage
0.1Hz to 10Hz
0.55
0.55
µVP-P
Input Noise Voltage Density
fO = 10Hz
23
32
23
32
nV/√Hz
fO = 1000Hz
22
25
22
25
nV/√Hz
in
Input Noise Current Density
fO = 10Hz
0.07
0.08
pA/√Hz
Input Resistance
(Note 2)
Differential Mode
180
400
100
300
MΩ
Common Mode
5
4
GΩ
VS = 5V, VCM = 0V, VOUT = 1.4V, TA = 25°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com