Electronic Components Datasheet Search
  English  ▼

X  

LM138 Datasheet(PDF) 1 Page - Linear Technology

Part # LM138
Description  5A Positive Adjustable Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM138 Datasheet(HTML) 1 Page - Linear Technology

  LM138 Datasheet HTML 1Page - Linear Technology LM138 Datasheet HTML 2Page - Linear Technology LM138 Datasheet HTML 3Page - Linear Technology LM138 Datasheet HTML 4Page - Linear Technology LM138 Datasheet HTML 5Page - Linear Technology LM138 Datasheet HTML 6Page - Linear Technology LM138 Datasheet HTML 7Page - Linear Technology LM138 Datasheet HTML 8Page - Linear Technology LM138 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT138A/LT338A
LM138/LM338
138afb
5A Positive Adjustable
Voltage Regulator
s
Guaranteed 1% Initial Tolerance
s
Guaranteed 0.3% Load Regulation
s
Guaranteed 5A Output Current
s
100% Thermal Limit Burn-In
s
12A Transient Output Current
The LT
®138A series of adjustable regulators provide 5A
output current over an output voltage range of 1.2V to 32V.
The internal voltage reference is trimmed to less than 1%,
enabling a very tight output voltage. In addition to excel-
lent line and load regulation, with full overload protection,
the LT138A incorporates new current limiting circuitry
allowing large transient load currents to be handled for
short periods. Transient load currents of up to 12A can be
supplied without limiting, eliminating the need for a large
output capacitor.
The LT138A is an improved version of the popular LM138
with improved circuit design and advanced process tech-
niques to provide superior performance and reliability.
The graph below shows the significant improvement in
output voltage tolerance achieved by using the LT138A or
LT338A.
s
High Power Linear Regulator
s
Battery Chargers
s
Power Driver
s
Constant-Current Regulator
, LTC and LT are registered trademarks of Linear Technology Corporation.
Parallel Regulators for Higher Current*
LT338A
0.01
Ω**
VIN
VIN
THIS CIRCUIT WILL NOT WORK WITH LM VERSION DEVICES
CURRENT SHARING RESISTORS DEGRADE REGULATION TO 1%
*
**
VOUT
ADJ
LT350A
VIN
138/338 TA01
121
Ω
1%
5V
8A
VOUT
ADJ
0.016
Ω**
365
Ω
1%
Output Voltage Error
OUTPUT VOLTAGE (V)
1
0
3
5
7
10
10
100
138A/338A TA02
1
4
6
9
12
11
8
2
2% RESISTORS
2% RESISTORS
1% RESISTORS
1% RESISTORS
LM338
LM338
LT338A
LT338A
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LM138

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
5-Amp Adjustable Regulators
logo
STMicroelectronics
LM138 STMICROELECTRONICS-LM138 Datasheet
186Kb / 12P
THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
Seme LAB
LM138 SEME-LAB-LM138 Datasheet
56Kb / 6P
5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LM138 LINER-LM138 Datasheet
185Kb / 12P
5A Positive Adjustable Voltage Regulator
logo
STMicroelectronics
LM138 STMICROELECTRONICS-LM138 Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
More results

Similar Description - LM138

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
LT138A LINER-LT138A Datasheet
185Kb / 12P
5A Positive Adjustable Voltage Regulator
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
LM138 LINER-LM138_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
LM338 LINER-LM338_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
LT138A LINER-LT138A_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
LT338A LINER-LT338A_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com