Electronic Components Datasheet Search
  English  ▼

X  

LM138 Datasheet(PDF) 3 Page - Linear Technology

Part # LM138
Description  5A Positive Adjustable Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM138 Datasheet(HTML) 3 Page - Linear Technology

  LM138 Datasheet HTML 1Page - Linear Technology LM138 Datasheet HTML 2Page - Linear Technology LM138 Datasheet HTML 3Page - Linear Technology LM138 Datasheet HTML 4Page - Linear Technology LM138 Datasheet HTML 5Page - Linear Technology LM138 Datasheet HTML 6Page - Linear Technology LM138 Datasheet HTML 7Page - Linear Technology LM138 Datasheet HTML 8Page - Linear Technology LM138 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT138A/LT338A
LM138/LM338
138afb
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
LT138A
LM138
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ISC
Current Limit
(VIN – VOUT) ≤ 10V
DC
q
58
58
A
0.5ms Peak
q
612
6
12
A
(VIN – VOUT) = 30V, TJ = 25°C1
2
1
A
∆VOUT
Temperature Stability
q
12
1
%
∆Temp
∆VOUT
Long-Term Stability
TA = 125°C, 1000 Hours
0.3
1
0.3
1
%
∆Time
en
RMS Output Noise (% of VOUT) 10Hz ≤ f ≤ 10kHz
0.001
0.003
%
θJC
Thermal Resistance
K Package
1
1
°C/W
Junction-to-Case
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 2)
LT338A
LM338
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
IOUT = 10mA
1.238
1.250
1.262
V
3V
≤ (VIN – VOUT) ≤ 35V,
q
1.225
1.250
1.270
1.19
1.24
1.29
V
10mA
≤ IOUT ≤ 5A, P ≤ 50W
∆VOUT
Line Regulation
3V
≤ (VIN – VOUT) ≤ 35V, (Note 3)
0.005
0.01
0.005
0.03
%/V
∆VIN
q
0.02
0.04
0.02
0.06
%/V
∆VOUT
Load Regulation
10mA
≤ IOUT ≤ 5A, (Note 3)
∆IOUT
VOUT ≤ 5V
5
15
5
25
mV
VOUT ≥ 5V
0.1
0.3
0.1
0.5
%
VOUT ≤ 5V
q
20
30
20
50
mV
VOUT ≥ 5V
q
0.3
0.6
0.3
1
%
Thermal Regulation
20ms Pulse
0.002
0.02
0.002
0.02
%/W
Ripple Rejection
VOUT = 10V, f = 120Hz
CADJ = 0µF
q
60
60
dB
CADJ = 10µF
q
60
75
60
75
dB
IADJ
Adjust Pin Current
q
45
100
45
100
µA
∆IADJ
Adjust Pin Current Change
10mA
≤ IOUT ≤ 5A,
q
0.2
5
0.2
5
µA
3V
≤ (VIN – VOUT) ≤ 35V
Minimum Load Current
(VIN – VOUT) = 35V
q
3.5
10
3.5
10
mA
ISC
Current Limit
(VIN – VOUT) ≤ 10V
DC
q
58
58
A
0.5ms Peak
q
612
6
12
A
(VIN – VOUT) = 30V, TJ = 25°C1
2
1
A
∆VOUT
Temperature Stability
q
12
1
%
∆Temp
∆VOUT
Long-Term Stability
TA = 125°C, 1000 Hours
0.3
1
0.3
1
%
∆Time
en
RMS Output Noise (% of VOUT)
10Hz
≤ f ≤ 10kHz
0.001
0.003
%
θJC
Thermal Resistance
K Package
1
1
°C/W
Junction-to-Case
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Unless otherwise specified, these specifications apply:
VIN – VOUT = 5V and IOUT = 2.5A. These specifications are applicable for
power dissipations up to 50W.
Note 3: See thermal regulation specifications for changes in output voltage
due to heating effects. Load and line regulation are measured at a constant
junction temperature by low duty cycle pulse testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com