Electronic Components Datasheet Search
  English  ▼

X  

LM138 Datasheet(PDF) 4 Page - Linear Technology

Part # LM138
Description  5A Positive Adjustable Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM138 Datasheet(HTML) 4 Page - Linear Technology

  LM138 Datasheet HTML 1Page - Linear Technology LM138 Datasheet HTML 2Page - Linear Technology LM138 Datasheet HTML 3Page - Linear Technology LM138 Datasheet HTML 4Page - Linear Technology LM138 Datasheet HTML 5Page - Linear Technology LM138 Datasheet HTML 6Page - Linear Technology LM138 Datasheet HTML 7Page - Linear Technology LM138 Datasheet HTML 8Page - Linear Technology LM138 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT138A/LT338A
LM138/LM338
138afb
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–75
– 0.4
– 0.3
– 0.1
0
0.1
–25
25
50
150
138/338 G01
– 0.2
–50
0
75 100 125
0.2
IOUT = 5A
IOUT = 3A
VIN = 15V
VOUT = 10V
PRELOAD = 50mA
Load Regulation
Load Regulation
TEMPERATURE (
°C)
–50
1.230
1.240
1.250
1.260
1.270
–25
0
25
50
138A/338A G04
75
100 125 150
Temperature Stability
INPUT-OUTPUT DIFFERENTIAL (V)
0
3
4
5
15
25
40
138A/338A G06
2
1
0
510
20
30
35
TJ = 25°C
TJ = 150°C
TJ = –55°C
TEMPERATURE (
°C)
–75
35
40
45
75
65
138A/338A G03
30
–25
25
125
50
55
60
Adjustment Current
TEMPERATURE (
°C)
–75
1
3
–25
25
50
150
138/338 G02
2
–50
0
75 100 125
4
IOUT = 5A
IOUT = 3A
IOUT = 1A
∆VOUT = 100mV
Dropout Voltage
FREQUENCY (Hz)
10
0.1
1
10
100k
138/338 G05
0.01
0.001
0.0001
100
1k
10k
1M
VIN = 15V
VOUT = 10V
IOUT = 500mA
CADJ = COUT = 10µF
CADJ = COUT = 0µF
Output Impedance
Minimum Operating Current
Ripple Rejection
Ripple Rejection
Ripple Rejection
OUTPUT VOLTAGE (V)
05
0
40
100
10
20
25
138A/338A G07
20
80
60
15
30
35
CADJ = 10µF
CADJ = 0µF
VIN – VOUT = 5V
IOUT = 500mA
f = 120Hz
TJ = 25°C
FREQUENCY (Hz)
10
60
80
100
100k
138A/338A G08
40
20
0
100
1k
10k
1M
CADJ = 10µF
CADJ = 0µF
VIN = 15V
VOUT = 10V
IOUT = 0.2A
OUTPUT CURRENT (A)
0.1
40
50
60
80
110
138/338 G09
70
CADJ = 10µF
CADJ = 0µF
VIN = 15V
VOUT = 10V
f = 120Hz
TCASE = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com