Electronic Components Datasheet Search
  English  ▼

X  

SST49LF080A Datasheet(PDF) 16 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 16 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 12Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 13Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 14Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 15Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 16Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 17Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 18Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 19Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 20Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
16
Data Sheet
8 Mbit LPC Flash
SST49LF080A
©2006 Silicon Storage Technology, Inc.
S71235-02-000
5/06
General Purpose Inputs Register
The GPI_REG (General Purpose Inputs Register) passes
the
state
of
GPI[4:0]
pins
at
power-up
on
the
SST49LF080A. It is recommended that the GPI[4:0] pins
be in the desired state before LFRAME# is brought low for
the beginning of the next bus cycle, and remain in that state
until the end of the cycle. There is no default value since
this is a pass-through register. See the General Purpose
Inputs Register table for the GPI_REG bits and function,
and Table 9 for memory address locations for its respective
device strapping.
JEDEC ID Registers
The
JEDEC
ID
registers
identify
the
device
as
SST49LF080A and manufacturer as SST in LPC mode.
See Table 9 for memory address locations for its respective
JEDEC ID location.
TABLE
9: Memory Map Register Addresses for SST49LF080A
Device #
Hardware Strapping ID[3:0]
GPI_REG
JEDEC ID
Manufacturer
Device
0 (Boot device)
0000
FFBC 0100H
FFBC 0000H
FFBC 0001H
1
0001
FFAC 0100H
FFAC 0000H
FFAC 0001H
2
0010
FF9C 0100H
FF9C 0000H
FF9C 0001H
3
0011
FF8C 0100H
FF8C 0000H
FF8C 0001H
4
0100
FF3C 0100H
FF3C 0000H
FF3C 0001H
5
0101
FF2C 0100H
FF2C 0000H
FF2C 0001H
6
0110
FF1C 0100H
FF1C 0000H
FF1C 0001H
7
0111
FF0C 0100H
FF0C 0000H
FF0C 0001H
8
1000
FEBC 0100H
FEBC 0000H
FEBC 0001H
9
1001
FEAC 0100H
FEAC 0000H
FEAC 0001H
10
1010
FE9C 0100H
FE9C 0000H
FE9C 0001H
11
1011
FE8C 0100H
FE8C 0000H
FE8C 0001H
12
1100
FE3C 0100H
FE3C 0000H
FE3C 0001H
13
1101
FE2C 0100H
FE2C 0000H
FE2C 0001H
14
1110
FE1C 0100H
FE1C 0000H
FE1C 0001H
15
1111
FE0C 0100H
FE0C 0000H
FE0C 0001H
T9.0 1235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com