Electronic Components Datasheet Search
  English  ▼

X  

SST49LF080A Datasheet(PDF) 14 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 14 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 10Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 11Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 12Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 13Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 14Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 15Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 16Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 17Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 18Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
14
Data Sheet
8 Mbit LPC Flash
SST49LF080A
©2006 Silicon Storage Technology, Inc.
S71235-02-000
5/06
Response To Invalid Fields
During LPC Read/Write operations, the SST49LF080A will
not explicitly indicate that it has received invalid field
sequences. The response to specific invalid fields or
sequences is as follows:
Address out of range: The SST49LF080A will only
respond to address ranges as specified in Table 4.
ID mismatch: ID information is included in every address
cycle. The SST49LF080A will compare ID bits in the
address field with the hardware ID strapping. If there is a
mis-match, the device will ignore the cycle. See Multiple
Device Selection section for details.
Once valid START, CYCTYPE + DIR, valid address range
and ID bits are received, the SST49LF080A will always
complete the bus cycle. However, if the device is busy per-
forming a flash Erase or Program operation, no new inter-
nal Write command (memory write or register write) will be
executed. As long as the states of LAD[3:0] and LAD[4] are
known, the response of the SST49LF080A to signals
received during the LPC cycle should be predictable.
Abort Mechanism
If LFRAME# is driven low for one or more clock cycles after
the start of an LPC cycle, the cycle will be terminated. The
host may drive the LAD[3:0] with ‘1111b’ (ABORT nibble) to
return the interface to ready mode. The ABORT only
affects the current bus cycle. For a multi-cycle command
sequence, such as the Erase or Program SDP commands,
ABORT doesn’t interrupt the entire command sequence,
but only the current bus cycle of the command sequence.
The host can re-send the bus cycle and continue the SDP
command sequence after the device is ready again.
Write Operation Status Detection
The SST49LF080A device provides two software means to
detect the completion of a Write (Program or Erase) cycle,
in order to optimize the system Write cycle time. The soft-
ware detection includes two status bits: Data# Polling, D[7],
and Toggle Bit, D[6]. The End-of-Write detection mode is
incorporated into the LPC Read Cycle. The actual comple-
tion of the nonvolatile write is asynchronous with the sys-
tem; therefore, either a Data# Polling or Toggle Bit read
may be simultaneous with the completion of the Write
cycle. If this occurs, the system may possibly get an errone-
ous result, i.e., valid data may appear to conflict with either
D[7] or D[6]. In order to prevent spurious rejection, if an
erroneous result occurs, the software routine should
include a loop to read the accessed location an additional
two (2) times. If both reads are valid, then the device has
completed the Write cycle, otherwise the rejection is valid.
Data# Polling
When the SST49LF080A device is in the internal Program
operation, any attempt to read D[7] will produce the com-
plement of the true data. Once the Program operation is
completed, D[7] will produce true data. Note that even
though D[7] may have valid data immediately following the
completion of an internal Write operation, the remaining
data outputs may still be invalid: valid data on the entire
data bus will appear in subsequent successive Read
cycles after an interval of 1 µs. During internal Erase opera-
tion, any attempt to read D[7] will produce a ‘0’. Once the
internal Erase operation is completed, D[7] will produce a
‘1’. Proper status will not be given using Data# Polling if the
address is in the invalid range.
Toggle Bit
During the internal Program or Erase operation, any consec-
utive attempts to read D[6] will produce alternating 0s and
1s, i.e., toggling between 0 and 1. When the internal Pro-
gram or Erase operation is completed, the toggling will stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com