Electronic Components Datasheet Search
  English  ▼

X  

TDA1016 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1016
Description  Recording/playback and 2 W audio power amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1016 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1016 Datasheet HTML 1Page - NXP Semiconductors TDA1016 Datasheet HTML 2Page - NXP Semiconductors TDA1016 Datasheet HTML 3Page - NXP Semiconductors TDA1016 Datasheet HTML 4Page - NXP Semiconductors TDA1016 Datasheet HTML 5Page - NXP Semiconductors TDA1016 Datasheet HTML 6Page - NXP Semiconductors TDA1016 Datasheet HTML 7Page - NXP Semiconductors TDA1016 Datasheet HTML 8Page - NXP Semiconductors TDA1016 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
August 1987
5
Philips Semiconductors
Product specification
Recording/playback and
2 W audio power amplifier
TDA1016
CHARACTERISTICS
VP = 6 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; measured in test circuit Fig.1; unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Supply (pin 3)
VP
Supply voltage
3,6
6
15
V
Supply current; total quiescent
Itot
at VP = 6 V
−
10
−
mA
Power amplifier
Output power at dtot = 10%; see note 1
Po
VP = 6 V
−
1
−
W
Po
VP = 9 V
−
2
−
W
Gc
Closed loop voltage gain
−
36
−
dB
dtot
Total harmonic distortion at Po = 0,5 W
−−
1%
|Zi|
Input impedance
0,5
−−
M
Ω
RR
Ripple rejection at f = 100 Hz (RS = 0 Ω)40
50
−
dB
Noise output voltage (r.m.s. value)
Vn(rms)
RS = 0 Ω; B = 60 Hz to 15 kHz
−
90
200
µV
Noise output voltage at 500 kHz
Vn
RS = 0 Ω; B = 5 kHz
−
8
−µV
Preamplifier
Go
Open loop voltage gain at f = 10 kHz
70
78
−
dB
Gc
Closed loop voltage gain
−
52
−
dB
Minimum closed loop voltage gain
Gc min
(when changing Rf)35
−−
dB
Vo
Output voltage at dtot = 1%
1
−−
V
Output voltage with A.L.C.
Vo
Vi = 2 mV
0,45
0,5
0,55
V
Total harmonic distortion with A.L.C.
dtot
Vi = 2 mV
−−
1%
dtot
Vi = 360 mV
−−
3%
Signal-to-noise ratio related to Vi = 1,2 mV;
S/N
RS = 1 kΩ; B = 60 Hz to 15 kHz
−
60
−
dB
|Zi|
Input impedance
100
−−
k
Ω
Ripple rejection
RR
at f = 100 Hz; RS = 0 Ω
50
54
−
dB
|Zo|
Output impedance; see note 2
−−
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com