Electronic Components Datasheet Search
  English  ▼

X  

TDA1016 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1016
Description  Recording/playback and 2 W audio power amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1016 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1016 Datasheet HTML 1Page - NXP Semiconductors TDA1016 Datasheet HTML 2Page - NXP Semiconductors TDA1016 Datasheet HTML 3Page - NXP Semiconductors TDA1016 Datasheet HTML 4Page - NXP Semiconductors TDA1016 Datasheet HTML 5Page - NXP Semiconductors TDA1016 Datasheet HTML 6Page - NXP Semiconductors TDA1016 Datasheet HTML 7Page - NXP Semiconductors TDA1016 Datasheet HTML 8Page - NXP Semiconductors TDA1016 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
August 1987
2
Philips Semiconductors
Product specification
Recording/playback and
2 W audio power amplifier
TDA1016
GENERAL DESCRIPTION
The TDA1016 is a monolithic integrated audio power amplifier, preamplifier and A.L.C. circuit designed for applications
in radio-recorders and recorders. The wide supply voltage range makes this circuit very suitable for d.c. and a.c.
apparatus. The circuit incorporates the following features:
Features
• Power amplifier/monitor amplifier
• Preamplifier/record and playback amplifier
• Automatic Level Control (A.L.C.) circuit
• Voltage stabilizer
• Short-circuit (up to 12 V a.c.) and thermal protection.
QUICK REFERENCE DATA
PACKAGE OUTLINE
16-lead DIL; plastic, with internal heat spreader (SOT38); SOT38-1; 1996 July 23.
Supply voltage range
VP
3,6 to 15 V
Supply current; total quiescent at VP = 6 V
Itot
typ.
10 mA
Operating ambient temperature range
Tamb
−25 to 150 °C
Power amplifier
Output power at dtot = 10%
VP = 6 V; RL = 4 Ω
Po
typ.
1 W
VP = 9 V; RL = 4 Ω
Po
typ.
2 W
Closed loop gain
Gc
typ.
36 dB
Preamplifier
Open loop gain
Go
min.
70 dB
Minimum closed loop voltage gain
Gc min
min.
35 dB
Output voltage at dtot = 1%
Vo
min.
1 V
Automatic Level Control (A.L.C.)
Gain variation for
∆V
i = 40 dB
∆G
v
typ.
2 dB
Stabilized supply voltage
Output voltage
V5-16
typ.
2,6 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com