Electronic Components Datasheet Search
  English  ▼

X  

TDA1016 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1016
Description  Recording/playback and 2 W audio power amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1016 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1016 Datasheet HTML 1Page - NXP Semiconductors TDA1016 Datasheet HTML 2Page - NXP Semiconductors TDA1016 Datasheet HTML 3Page - NXP Semiconductors TDA1016 Datasheet HTML 4Page - NXP Semiconductors TDA1016 Datasheet HTML 5Page - NXP Semiconductors TDA1016 Datasheet HTML 6Page - NXP Semiconductors TDA1016 Datasheet HTML 7Page - NXP Semiconductors TDA1016 Datasheet HTML 8Page - NXP Semiconductors TDA1016 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
August 1987
4
Philips Semiconductors
Product specification
Recording/playback and
2 W audio power amplifier
TDA1016
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
The power derating curve (Fig.2) is based on the following data
Supply voltage (pin 3)
VP
max.
18 V
Repetitive peak output current
IORM
max.
1 A
Non-repetitive peak output current (pin 1)
IOSM
max.
2 A
Total power dissipation
see derating curve Fig.2
A.C. short-circuit duration of load during
sinewave drive; VP = 12 V
tsc
max.
100 hours
Crystal temperature
Tc
max.
150
°C
Storage temperature range
Tstg
−55 to + 150 °C
Operating ambient temperature range
Tamb
−25 to + 150 °C
From junction to ambient
Rth j-a
=
55 K/W
Fig.2 Power derating curve.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com