Electronic Components Datasheet Search
  English  ▼

X  

LTC1148CS Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1148CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1148CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1148CS Datasheet HTML 11Page - Linear Technology LTC1148CS Datasheet HTML 12Page - Linear Technology LTC1148CS Datasheet HTML 13Page - Linear Technology LTC1148CS Datasheet HTML 14Page - Linear Technology LTC1148CS Datasheet HTML 15Page - Linear Technology LTC1148CS Datasheet HTML 16Page - Linear Technology LTC1148CS Datasheet HTML 17Page - Linear Technology LTC1148CS Datasheet HTML 18Page - Linear Technology LTC1148CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC1148
LTC1148-3.3/LTC1148-5
114835fd
Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1148 series. These items are also illustrated graphi-
cally in the layout diagram of Figure 9. Check the following
in your layout:
1. Are the signal and power grounds segregated? The
LTC1148 signal ground Pin 11 must return to the (–)
plate of COUT. The power ground returns to the
source of the N-channel MOSFET, anode of the
Schottky diode, and (–) plate of CIN, which should
have as short lead lengths as possible.
2. Does the LTC1148 SENSE – Pin 7 connect to a point
close to RSENSE and the (+) plate of COUT? In adjust-
able applications, the resistive divider R1, R2 must be
connected between the (+) plate of COUT and signal
ground.
3. Are the SENSE – and SENSE + leads routed together
with minimum PC trace spacing? The 1000pF capacitor
between Pins 7 and 8 should be as close as possible to
the LTC1148.
4. Does the (+) plate of CIN connect to the source of the
P-channel MOSFET as closely as possible? This capaci-
tor provides the AC current to the P-channel MOSFET.
5. Is the 1µF VIN decoupling capacitor connected closely
between Pin 3 and power ground Pin 12? This capacitor
carries the MOSFET driver peak currents.
6. Is the Shutdown Pin 10 actively pulled to ground during
normal operation? The Shutdown pin is high imped-
ance and must not be allowed to float.
Figure 9. LTC1148 Layout Diagram (See Board Layout Checklist)
APPLICATIO S I FOR ATIO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COUT
1µF
D1
P-CHANNEL
1k
3300pF
10nF
CT
LTC1148
R1
R2
RSENSE
N-CHANNEL
CIN
L
+
–
–
+
VOUT
VIN
OUTPUT DIVIDER REQUIRED WITH
ADJUSTABLE VERSION ONLY
BOLD LINES INDICATE HIGH CURRENT PATHS
LTC1148 • F09
SHUTDOWN
1000pF
P-DRIVE
VIN
CT
INTVCC
ITH
SENSE–
N-DRIVE
PGND
SGND
SHDN
NC (VFB)
SENSE+
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com