Electronic Components Datasheet Search
  English  ▼

X  

LTC1148CS Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1148CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1148CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1148CS Datasheet HTML 12Page - Linear Technology LTC1148CS Datasheet HTML 13Page - Linear Technology LTC1148CS Datasheet HTML 14Page - Linear Technology LTC1148CS Datasheet HTML 15Page - Linear Technology LTC1148CS Datasheet HTML 16Page - Linear Technology LTC1148CS Datasheet HTML 17Page - Linear Technology LTC1148CS Datasheet HTML 18Page - Linear Technology LTC1148CS Datasheet HTML 19Page - Linear Technology LTC1148CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1148
LTC1148-3.3/LTC1148-5
114835fd
TYPICAL APPLICATIO S
1
2
3
4
5
6
7
14
13
12
11
10
9
8
P-DRIVE
NC
VIN
CT
INTVCC
ITH
SENSE–
N-DRIVE
NC
PGND
SGND
SHUTDOWN
VFB
SENSE+
LTC1148
1µF
0.01µF
RSENSE**
0.033Ω
SHUTDOWN
*L
50µH
IRF7201
D1
MBRS140T3
+
VIN
8V TO 14V
COUT
220µF
10V
× 2
OS-CON
VOUT
5V/3A
CC
3300pF
RC
220Ω
CT
390pF
*COILTRONICS CTX50-2-MP
**KRL SL-1-C1-0R033J
LTC1148 • F12
10nF
IRF7204
CIN
330µF
20V
100pF
R1
10k
1%
R2
30k
1%
()
VOUT = 1 +
R2
R1
1.25V
VALUES SHOWN FOR VOUT = 5V
1
2
3
4
5
6
7
14
13
12
11
10
9
8
P-DRIVE
NC
VIN
CT
INTVCC
ITH
SENSE–
N-DRIVE
NC
PGND
SGND
SHUTDOWN
NC
SENSE+
LTC1148HV-3.3
1µF
1000pF
RSENSE**
0.1Ω
SHUTDOWN
*L
50µH
D1
MBRS140T3
1/2 Si4532
1/2 Si4532
+
CIN
100µF
25V
VIN
4V TO 18V
COUT
220µF
10V
OS-CON
VOUT
3.3V/1A
CC
3300pF
RC
1k
CT
300pF
*COILTRONICS CTX50-4 Kool Mµ CORE
**IRC LR2010-01-R100-G
LTC1148 • F11
1
2
3
4
5
6
7
14
13
12
11
10
9
8
P-DRIVE
NC
VIN
CT
INTVCC
ITH
SENSE–
N-DRIVE
NC
PGND
SGND
SHUTDOWN
NC
SENSE+
LTC1148HV-5
1µF
1000pF
RSENSE**
0.1Ω
SHUTDOWN
*L
100µH
1/2 Si4532
D1
MBRS140T3
1/2 Si4532
+
CIN
100µF
25V
VIN
5.2V TO 18V
COUT
220µF
10V
AVX
VOUT
5V/1A
CC
3300pF
RC
1k
CT
390pF
*COILTRONICS CTX100-4 Kool Mµ CORE
**KRL SP-1/2-A1-0R100
LTC1148 • F10
Figure 10. 5V/1A High Efficiency Regulator
with Extended Input Voltage Range
Figure 11. High Efficiency 5V to 3.3V/1A Converter
with Extended Input Voltage Range
Figure 12. High Efficiency Adjustable 3A Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com