Electronic Components Datasheet Search
  English  ▼

X  

LTC1148CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1148CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1148CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1148CS Datasheet HTML 1Page - Linear Technology LTC1148CS Datasheet HTML 2Page - Linear Technology LTC1148CS Datasheet HTML 3Page - Linear Technology LTC1148CS Datasheet HTML 4Page - Linear Technology LTC1148CS Datasheet HTML 5Page - Linear Technology LTC1148CS Datasheet HTML 6Page - Linear Technology LTC1148CS Datasheet HTML 7Page - Linear Technology LTC1148CS Datasheet HTML 8Page - Linear Technology LTC1148CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1148
LTC1148-3.3/LTC1148-5
114835fd
ELECTRICAL C
C
HARA TERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1148CN, LTC1148CN-3.3, LTC1148CN-5: TJ = TA + (PD × 70°C/W)
LTC1148CS, LTC1148CS-3.3, LTC1148CS-5: TJ = TA + (PD × 110°C/W)
Note 3: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 4: The LTC1148 and LTC1148HV versions are tested with external
feedback resistors resulting in a nominal output voltage of 5V. The
LTC1148L version is tested with external feedback resistors resulting in a
nominal output voltage of 2.5V.
Note 5: In applications where RSENSE is placed at ground potential, the off
time increases approximately 40%.
Note 6: The LTC1148, LTC1148HV and LTC1148L series are not tested
and not quality assurance sampled at –40°C and 85°C. These
specifications are guaranteed by design and/or correlation. The
LTC1148HVI-5 is guaranteed over the full –40°C to 85°C operating
temperature range.
Note 7: The LTC1148L and LTC1148L-3.3 allow operation to VIN = 3.5V.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Line Regulation
Efficiency vs Input Voltage
LOAD CURRENT (A)
0
–100
–80
–60
–40
–20
0
20
0.5
1
1.5
2
LTC1148 • TPC03
2.5
FIGURE 1 CIRCUIT
RSENSE = 0.05Ω
VIN = 6V
VIN = 12V
INPUT VOLTAGE (V)
0
80
82
86
88
90
100
94
4
8
LTC1148 • TPC01
84
96
98
92
12
16
20
ILOAD = 100mA
FIGURE 1 CIRCUIT
ILOAD = 1A
DC Supply Current
Supply Current in Shutdown
Load Regulation
Operating Frequency
vs (VIN – VOUT)
(VIN – VOUT) VOLTAGE (V)
0
0.6
1.0
8
LTC1148 • TPC06
0.4
0
2
4
6
0.2
1.2
0.8
10
12
1.4
1.6
VOUT = 5V
0°C
70°C
25°C
INPUT VOLTAGE
0
0
0.3
0.9
1.2
1.5
4
LTC1148 • TPC04
0.6
26
1.8
2.1
8
10 12 14 16 18
SLEEP MODE
ACTIVE MODE
NOT INCLUDING
GATE CHARGE CURRENT
20
INPUT VOLTAGE (V)
0
0
2
6
8
10
20
14
4
8
10
18
LTC1148 • TPC05
4
16
18
12
26
12
14 16
VSHUTDOWN = 2V
20
INPUT VOLTAGE (V)
0
0
10
20
16
LTC1148 • TPC02
–10
–20
–40
4
812
–30
40
30
FIGURE 1 CIRCUIT
ILOAD = 1A
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com