Electronic Components Datasheet Search
  English  ▼

X  

MAX2015 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2015
Description  0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2015 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2015 Datasheet HTML 5Page - Maxim Integrated Products MAX2015 Datasheet HTML 6Page - Maxim Integrated Products MAX2015 Datasheet HTML 7Page - Maxim Integrated Products MAX2015 Datasheet HTML 8Page - Maxim Integrated Products MAX2015 Datasheet HTML 9Page - Maxim Integrated Products MAX2015 Datasheet HTML 10Page - Maxim Integrated Products MAX2015 Datasheet HTML 11Page - Maxim Integrated Products MAX2015 Datasheet HTML 12Page - Maxim Integrated Products MAX2015 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
0.1GHz to 3GHz, 75dB Logarithmic
Detector/Controller
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________
13
© 2007 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to
www.maxim-ic.com/packages.)
COMMON DIMENSIONS
SYMBOL
MIN.
MAX.
A
0.70
0.80
D
2.90
3.10
E
2.90
3.10
A1
0.00
0.05
L
0.20
0.40
PKG. CODE
N
D2
E2
e
JEDEC SPEC
b
[(N/2)-1] x e
PACKAGE VARIATIONS
0.25 MIN.
k
A2
0.20 REF.
2.30±0.10
1.50±0.10
6
T633-1
0.95 BSC
MO229 / WEEA
1.90 REF
0.40±0.05
1.95 REF
0.30±0.05
0.65 BSC
2.30±0.10
8
T833-1
2.00 REF
0.25±0.05
0.50 BSC
2.30±0.10
10
T1033-1
2.40 REF
0.20±0.05
- - - -
0.40 BSC
1.70±0.10
2.30±0.10
14
T1433-1
1.50±0.10
1.50±0.10
MO229 / WEEC
MO229 / WEED-3
0.40 BSC
- - - -
0.20±0.05
2.40 REF
T1433-2
14
2.30±0.10
1.70±0.10
T633-2
6
1.50±0.10
2.30±0.10
0.95 BSC
MO229 / WEEA
0.40±0.05
1.90 REF
T833-2
8
1.50±0.10
2.30±0.10
0.65 BSC
MO229 / WEEC
0.30±0.05
1.95 REF
T833-3
8
1.50±0.10
2.30±0.10
0.65 BSC
MO229 / WEEC
0.30±0.05
1.95 REF
-DRAWING NOT TO SCALE-
H
2
2
21-0137
PACKAGE OUTLINE, 6,8,10 & 14L,
TDFN, EXPOSED PAD, 3x3x0.80 mm
2.30±0.10
MO229 / WEED-3
2.00 REF
0.25±0.05
0.50 BSC
1.50±0.10
10
T1033-2
Revision History
Pages changed at Rev 2: 1–10, 12, 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com