Electronic Components Datasheet Search
  English  ▼

X  

MAX2015 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2015
Description  0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2015 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2015 Datasheet HTML 1Page - Maxim Integrated Products MAX2015 Datasheet HTML 2Page - Maxim Integrated Products MAX2015 Datasheet HTML 3Page - Maxim Integrated Products MAX2015 Datasheet HTML 4Page - Maxim Integrated Products MAX2015 Datasheet HTML 5Page - Maxim Integrated Products MAX2015 Datasheet HTML 6Page - Maxim Integrated Products MAX2015 Datasheet HTML 7Page - Maxim Integrated Products MAX2015 Datasheet HTML 8Page - Maxim Integrated Products MAX2015 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
0.1GHz to 3GHz, 75dB Logarithmic
Detector/Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX2015 typical application circuit (Figure 1), VS = +3.3V, fRF = 100MHz to 3000MHz, R1 = 0Ω, R4 = 0Ω, RL = 10kΩ, TA = -40°C to
+85°C, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC (Pins, 1, 4) to GND.......................................-0.3V to +5.25V
SET, PWDN to GND....................................-0.3V to (VCC + 0.3V)
Input Power Differential INHI, INLO................................+23dBm
Input Power Single Ended (INHI or INLO grounded).....+19dBm
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
8-Pin TDFN (derate 18.5mW/°C above +70°C) .........1480mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
R4 = 75
Ω ±1%, PWDN must be
connected to GND
4.75
5.25
Supply Voltage
VS
R4 = 0
Ω
2.7
3.6
V
TA = +25°C, VS = 5.25V,
R4 = 75
Ω
17.3
Supply Current
ICC
TA = +25°C
17.3
20.5
mA
Supply Current Variation with Temp
ICC
TA = -40°C to +85°C
0.05
mA/°C
Shutdown Current
ICC
VPWDN = VCC
1µA
CONTROLLER REFERENCE (SET)
SET Input Voltage Range
0.5 to 1.8
V
SET Input Impedance
40
k
Ω
DETECTOR OUTPUT (OUT)
Source Current
4mA
Sink Current
450
µA
Minimum Output Voltage
VOUT(MIN)
0.5
V
Maximum Output Voltage
VOUT(MAX)
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com