Electronic Components Datasheet Search
  English  ▼

X  

MAX2015 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2015
Description  0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2015 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2015 Datasheet HTML 1Page - Maxim Integrated Products MAX2015 Datasheet HTML 2Page - Maxim Integrated Products MAX2015 Datasheet HTML 3Page - Maxim Integrated Products MAX2015 Datasheet HTML 4Page - Maxim Integrated Products MAX2015 Datasheet HTML 5Page - Maxim Integrated Products MAX2015 Datasheet HTML 6Page - Maxim Integrated Products MAX2015 Datasheet HTML 7Page - Maxim Integrated Products MAX2015 Datasheet HTML 8Page - Maxim Integrated Products MAX2015 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
0.1GHz to 3GHz, 75dB Logarithmic
Detector/Controller
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Intercept
(Note 5)
-83
dBm
Typical Intercept Variation
TA = -40°C to +85°C
0.03
dBm/°C
RSSI MODE—2.5GHz
RF Input Power Range
(Note 2)
-45 to -5
dBm
±3dB Dynamic Range
TA = -40°C to +85°C (Note 3)
40
dB
Range Center
-25
dBm
Temp Sensitivity when TA > +25°C
TA = +25°C to +85°C,
PIN = -25dBm
-0.0083
dB/°C
Temp Sensitivity when TA < +25°C
TA = -40°C to +25°C,
PIN = -25dBm
-0.0083
dB/°C
Slope
(Note 4)
16.8
mV/dB
Typical Slope Variation
TA = -40°C to +85°C
-8
µV/°C
Intercept
(Note 5)
-81
dBm
Typical Intercept Variation
TA = -40°C to +85°C
0.03
dBm/°C
Note 1: The MAX2015 is guaranteed by design for TA = -40°C to +85°C, as specified.
Note 2: Typical minimum and maximum range of the detector at the stated frequency.
Note 3: Dynamic range refers to the range over which the error remains within the stated bounds. The error is calculated at -40°C
and +85°C, relative to the curve at +25°C.
Note 4: The slope is the variation of the output voltage per change in input power. It is calculated by fitting a root-mean-square
(RMS) straight line to the data indicated by RF input power range.
Note 5: The intercept is an extrapolated value that corresponds to the output power for which the output voltage is zero.
It is calculated by fitting an RMS straight line to the data.
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2015 typical application circuit (Figure 1), VS = +3.3V, fRF = 100MHz to 3000MHz, R1 = 0Ω, R4 = 0Ω, RL = 10kΩ, TA = -40°C to
+85°C, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com